Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY37032P44-125JC Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISR??High-Performance CPLDs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 31Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 32Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 33Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 34Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 35Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 36Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 37Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 38Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *C
Page 35 of 62
Pin Configurations[20] (continued)
100-ball Fine-Pitch BGA (BB100) for CY37064V
Top View
100-ball Fine-Pitch BGA (BB100) for CY37128V
Top View
1
23456
789
10
A
NC
NC
I/O7
I/O5
I/O2
I/O62
I/O60
I/O58
I/O57
I/O56
BI/O9
I/O8
I/O6
I/O4
I/O1
I/O63
VCC
I/O59
I/O55
NC
CI/O10
TCK
VCC
I/O3
NC
NC
I/O61
VCC
TDI
I/O54
D
I/O11
NC
I/O12
I/O13
I/O0
NC
I/O51
I/O52
CLK3
/ I4
I/O53
EI/O14
CLK0
/ I0
I/O15
NC
GND
GND
I/O48
I/O49
CLK2
/ I3
I/O50
FI/O17
NC
NC
I/O16
GND
GND
NC
NC
I2
I/O47
GI/O22
CLK1
/ I1
I/O21
I/O19
I/O18
I/O46
I/O45
I/O44
NC
I/O43
HI/O23
TMS
VCC
I/O20
NC
I/O32
I/O42
VCC
TDO
I/O41
J
NC
I/O26
I/O28
NC
I/O31
I/O33
I/O35
I/O37
I/O39
I/O40
KI/O24
I/O25
I/O27
I/O29
I/O30
I/O34
I/O36
I/O38
NC
NC
1
23456
789
10
A
NC
I/O9
I/O8
I/O6
I/O3
I/O76
I/O74
I/O72
I/O71
I/O70
B
I/O11
I/O10
I/O7
I/O5
I/O2
I/O77
VCC
I/O73
I/O68
I/O69
CI/O12
I/O13
TCK
VCC
I/O4
I/O1
I/O78
I/O75
VCC
I/O67
TDI
I/O66
DI/O14
NC
I/O15
I/O16
I/O0
I/O79
I/O63
I/O64
CLK3
/ I4
I/O65
EI/O17
CLK0
/ I0
I/O18
I/O19
GND
GND
I/O60
I/O61
CLK2
/ I3
I/O62
FI/O22
JTAG
EN
I/O21
I/O20
GND
GND
I/O59
I/O58
I2
I/O57
GI/O27
CLK1
/ I1
I/O26
I/O24
I/O23
I/O56
I/O55
I/O54
NC
I/O53
HI/O28
I/O33
TMS
VCC
I/O25
I/O39
I/O40
I/O52
VCC
I/O47
TDO
I/O51
JI/O29
I/O32
I/O35
VCC
I/O38
I/O41
I/O43
I/O45
I/O48
I/O50
KI/O30
I/O31
I/O34
I/O36
I/O37
I/O42
I/O44
I/O46
I/O49
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com