Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N5819 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 1N5819
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5819 Datasheet(HTML) 3 Page - STMicroelectronics

  1N5819 Datasheet HTML 1Page - STMicroelectronics 1N5819 Datasheet HTML 2Page - STMicroelectronics 1N5819 Datasheet HTML 3Page - STMicroelectronics 1N5819 Datasheet HTML 4Page - STMicroelectronics 1N5819 Datasheet HTML 5Page - STMicroelectronics 1N5819 Datasheet HTML 6Page - STMicroelectronics 1N5819 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1N5817, 1N5818, 1N5819
Characteristics
Doc ID 6262 Rev 5
3/7
Figure 1.
Average forward power dissipation
versus average forward current
(1N5817/1N5818)
Figure 2.
Average forward power dissipation
versus average forward current
(1N5819)
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
PF(av)(W)
IF(av) (A)
T
d=tp/T
tp
d = 0.2
d = 0.5
d =1
d = 0.05
d = 0.1
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
PF(av)(W)
IF(av) (A)
T
d=tp/T
tp
d = 0.2
d = 0.5
d =1
d = 0.05
d = 0.1
Figure 3.
Average forward current versus
ambient temperature
(
δ = 0.5) (1N5817/1N5818)
Figure 4.
Average forward current versus
ambient temperature
(
δ = 0.5) (1N5819)
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
IF(av)(A)
Tamb(°C)
T
d=tp/T
tp
Rth(j-a)=100°C/W
Rth(j-a)=Rth(j-l)=45°C/W
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
IF(av)(A)
Tamb(°C)
T
d=tp/T
tp
Rth(j-a)=100°C/W
Rth(j-a)=Rth(j-l)=45°C/W
Figure 5.
Normalized avalanche power
derating versus pulse duration
Figure 6.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com