Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N5819 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 1N5819
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5819 Datasheet(HTML) 4 Page - STMicroelectronics

  1N5819 Datasheet HTML 1Page - STMicroelectronics 1N5819 Datasheet HTML 2Page - STMicroelectronics 1N5819 Datasheet HTML 3Page - STMicroelectronics 1N5819 Datasheet HTML 4Page - STMicroelectronics 1N5819 Datasheet HTML 5Page - STMicroelectronics 1N5819 Datasheet HTML 6Page - STMicroelectronics 1N5819 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
1N5817, 1N5818, 1N5819
4/7
Doc ID 6262 Rev 5
Figure 7.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (1N5817/1N5818)
Figure 8.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (1N5819)
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
9
10
IM(A)
t(s)
Ta=100°C
Ta=75°C
Ta=25°C
IM
t
d=0.5
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
IM(A)
t(s)
Ta=100°C
Ta=75°C
Ta=25°C
IM
t
d=0.5
Figure 9.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 10.
Junction capacitance versus
reverse voltage applied
(typical values)
1E-1
1E+0
1E+1
1E+2
1E+3
0.0
0.2
0.4
0.6
0.8
1.0
Zth(j-a)/Rth(j-a)
T
δ=tp/T
tp
tp(s)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
(epoxy printed circuit board,
e(Cu) = 35 mm, recommended pad layout)
1
2
5
102040
10
20
50
100
200
500
C(pF)
VR(V)
1N5819
1N5817
1N5818
F=1MHz
Tj=25°C
Figure 11.
Reverse leakage current versus
reverse voltage applied (typical
values) (1N5817/1N5818)
Figure 12.
Reverse leakage current versus
reverse voltage applied (typical
values) (1N5819)
0
5
10
15
20
25
30
1E-3
1E-2
1E-1
1E+0
1E+1
IR(mA)
1N5817
1N5818
VR(V)
Tj=100°C
Tj=25°C
Tj=125°C
0
5
10
15
20
30
35
40
1E-3
1E-2
1E-1
1E+0
1E+1
IR(mA)
VR(V)
Tj=100°C
Tj=25°C
Tj=125°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com