Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N5819 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 1N5819
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5819 Datasheet(HTML) 5 Page - STMicroelectronics

  1N5819 Datasheet HTML 1Page - STMicroelectronics 1N5819 Datasheet HTML 2Page - STMicroelectronics 1N5819 Datasheet HTML 3Page - STMicroelectronics 1N5819 Datasheet HTML 4Page - STMicroelectronics 1N5819 Datasheet HTML 5Page - STMicroelectronics 1N5819 Datasheet HTML 6Page - STMicroelectronics 1N5819 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1N5817, 1N5818, 1N5819
Characteristics
Doc ID 6262 Rev 5
5/7
Figure 15.
Non repetitive surge peak forward current versus number of cycles
Figure 13.
Forward voltage drop versus
forward current (typical values)
(1N5817/1N5818)
Figure 14.
Forward voltage drop versus
forward current (typical values)
(1N5819)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.01
0.10
1.00
10.00
IFM(A)
VFM(V)
Tj=25°C
Tj=100°C
Tj=125°C
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
0.01
0.10
1.00
10.00
IFM(A)
VFM(V)
Tj=25°C
Tj=100°C
Tj=125°C
1
10
100
1000
0
5
10
15
20
25
30
IFSM(A)
Number of cycles
F=50Hz
Tj initial=25°C
Tj initial=25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com