Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3649 Datasheet(PDF) 1 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 1 Page - ams AG

  AS3649 Datasheet HTML 1Page - ams AG AS3649 Datasheet HTML 2Page - ams AG AS3649 Datasheet HTML 3Page - ams AG AS3649 Datasheet HTML 4Page - ams AG AS3649 Datasheet HTML 5Page - ams AG AS3649 Datasheet HTML 6Page - ams AG AS3649 Datasheet HTML 7Page - ams AG AS3649 Datasheet HTML 8Page - ams AG AS3649 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
AS3649
2500mA High Current LED Flash Driver
www.ams.com/AS3649
1.0-2
1 - 39
1 General Description
The AS3649 is an inductive high efficient DCDC step up converter
with two current sources. The DCDC step up converter operates at a
fixed frequency of 4MHz and includes soft startup to allow easy
integration into noise sensitive RF systems. The two current sources
can operate in flash / torch or video light modes.
The AS3649 includes flash timeout, overvoltage, overtemperature,
undervoltage and LED short/open circuit protection functions. A
TXMASK/TORCH function reduces the flash current in case of
parallel operation to the RF power amplifier and avoids a system
shutdown. Alternatively this pin can be used to directly operate the
torch light directly. If the TXMask function is not used, it can be used
as a hardware torch input (programmable).
A hardware NTC pin can be used to measure the LED temperature
with the ADC and to automatically reduce the LED current if a
temperature threshold is exceeded.
The AS3649 is controlled by an I
2C interface and has a hardware
reset pin ON. Setting ON=0 resets the AS3649. Interface input
voltage levels are 1.8V compliant.
The AS3649 is available in a space-saving WL-CSP package
measuring only 2.06x2.02x0.6mm and operates over the -30ºC to
+85ºC temperature range.
Figure 1. Typical Operating Circuit
2 Key Features

High efficiency 4MHz fixed frequency DCDC Boost converter
with soft start allows small coils
- Stable even in coil current limit

LED current adjustable up to 2x1000mA(2x1250mA with current
boost) or 2000mA and automatic load balancing for two LEDs

Automatic current adjustment for low battery voltage

PWM operation for lower output current for reliable light output
of the LED; can run at 31.5kHz to avoid audible noise

Protection functions:
Automatic Flash Timeout timer to protect the LED(s)
Overvoltage and undervoltage Protection
Overtemperature Protection
LED short/open circuit protection

ADC to measure LED temperature

NTC to automatically reduce the flash current if the LED
temperature is too high (programmable level)

I
2C Interface with hardware reset pin

Available in tiny WL-CSP Package, 16 balls 0.5mm pitch,
2.06x2.02x0.6mm package size
3 Applications
Flash/Torch for mobile phones

 

 
 



!
 "!


#$%&'

%&
!
%&
 "!
()*
+*,
'
-)

#  . 

-*

)
' /0 #
########$$$
########%$$$
!
AS3649


Similar Part No. - AS3649

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3642 AMSCO-AS3642 Datasheet
2Mb / 27P
Ultra Small 500mA Inductive White LED Flash Driver
AS3642-ZWLT AMSCO-AS3642-ZWLT Datasheet
2Mb / 27P
Ultra Small 500mA Inductive White LED Flash Driver
AS3643 AMSCO-AS3643 Datasheet
4Mb / 34P
1300mA High Current LED Flash Driver
AS3643-ZWLT AMSCO-AS3643-ZWLT Datasheet
4Mb / 34P
1300mA High Current LED Flash Driver
AS3644 AMSCO-AS3644 Datasheet
2Mb / 24P
Ultra Small Low Cost 320mA Inductive White LED Flash Driver
More results

Similar Description - AS3649

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
High Current LED Flash Driver Charge Pump IC
3170.2006.11.1.1
AAT3172 AAT-AAT3172 Datasheet
455Kb / 15P
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Texas Instruments
LM3565 TI-LM3565 Datasheet
1Mb / 35P
4MHz, High-Current Flash LED Driver
logo
ams AG
AS3643 AMSCO-AS3643 Datasheet
4Mb / 34P
1300mA High Current LED Flash Driver
AS3647 AMSCO-AS3647 Datasheet
5Mb / 38P
1600mA High Current LED Flash Driver
AS3648 AMSCO-AS3648 Datasheet
4Mb / 39P
2000mA High Current LED Flash Driver
logo
SiGe Semiconductor, Inc...
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
High Current LED Flash Driver Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com