Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3649 Datasheet(PDF) 4 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 4 Page - ams AG

  AS3649 Datasheet HTML 1Page - ams AG AS3649 Datasheet HTML 2Page - ams AG AS3649 Datasheet HTML 3Page - ams AG AS3649 Datasheet HTML 4Page - ams AG AS3649 Datasheet HTML 5Page - ams AG AS3649 Datasheet HTML 6Page - ams AG AS3649 Datasheet HTML 7Page - ams AG AS3649 Datasheet HTML 8Page - ams AG AS3649 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
AS3649
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
www.ams.com/AS3649
1.0-2
4 - 39
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 5 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VIN to GND
-0.3
+7.0
V
STROBE, TXMASK/TORCH, SCL, SDA, ON, NTC to
GND
-0.3
VIN + 0.3
V
max. +7V
SW1/2, VOUT1/2, LED_OUT1/2 to GND
-0.3
+7.0
V
VOUT1/2 to SW1/2
-0.3
V
Note: Diode between VOUT1/2 and SW1/2
voltage between AGND, PGND1/2 pins
0.0
0.0
V
short connection required
Input Pin Current without causing latchup
-100
+100
+IIN
mA
Norm: EIA/JESD78
Continuous Power Dissipation (TA = +70ºC)
Continuous power dissipation
1470
mW
PT at 70ºC
1
1. Depending on actual PCB layout and PCB used measured on demoboard; for peak power dissipation during flashing see document
'AS3649 Thermal Measurements'
Continuous power dissipation derating factor
20
mW/ºC
PDERATE
2
2. PDERATE derating factor changes the total continuous power dissipation (PT) if the ambient temperature is not 70ºC. Therefore for e.g.
TAMB=85ºC calculate PT at 85ºC = PT - PDERATE * (85ºC - 70ºC)
Electrostatic Discharge
ESD HBM
±2000
V
Norm: JEDEC JESD22-A114F
ESD CDM
±500
V
Norm: JEDEC JESD 22-C101E
Temperature Ranges and Storage Conditions
Junction to ambient thermal resistance
50
3
3. Measured on AS3649 demoboard.
ºC/W
For more information about thermal metrics, see
application note AN01 Thermal Characteristics
Junction Temperature
+150
ºC
Internally limited (overtemperature protection),
max. 20000s
Storage Temperature Range
-55
+125
ºC
Humidity
5
85
%
Non condensing
Body Temperature during Soldering
+260
ºC
according to IPC/JEDEC J-STD-020
Moisture Sensitivity Level (MSL)
MSL 1
Represents a max. floor life time of unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com