Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3649 Datasheet(PDF) 5 Page - ams AG

Part # AS3649
Description  2500mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3649 Datasheet(HTML) 5 Page - ams AG

  AS3649 Datasheet HTML 1Page - ams AG AS3649 Datasheet HTML 2Page - ams AG AS3649 Datasheet HTML 3Page - ams AG AS3649 Datasheet HTML 4Page - ams AG AS3649 Datasheet HTML 5Page - ams AG AS3649 Datasheet HTML 6Page - ams AG AS3649 Datasheet HTML 7Page - ams AG AS3649 Datasheet HTML 8Page - ams AG AS3649 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
AS3649
Datasheet - Electrical Character i s t ics
www.ams.com/AS3649
1.0-2
5 - 39
6 Electrical Characteristics
VVIN = +2.7V to +4.4V, TAMB = -30ºC to +85ºC, unless otherwise specified. Typical values are at VVIN = +3.7V, TAMB = +25ºC, unless otherwise
specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
General Operating Conditions
VVIN
Supply Voltage
Pin VIN
2.7
3.7
4.4
V
VVINREDUCED_
FUNC
Supply Voltage
AS3649 functionally working, but not all parameters
fulfilled
2.5
2.7
V
4.4
5.5
ISHUTDOWN
Shutdown Current
TXMASK/TORCH=L, STROBE=L, ON=L, VVIN<3.7V
1.0
2.0
µA
ISTANBY
Standby Current
Interface active, TXMASK/TORCH=L, STROBE=L
VVIN<3.7V
1.0
10
µA
TAMB
Operating Temperature
-30
25
85
ºC
1
Application Efficiency
(DCDC and current source)
LCOIL=0.6µH@3A, LESR=60m
, LED_OUT1,2=2000mA,
tFLASH<300ms, VFLED=3.7V
83
%
tFLASH
Flash Duration
VVIN>3.3V, TAMB<85ºC, ILED_OUT<2000mA
If TAMB or ILED_OUT is reduced or VVIN is increased,
longer flash times are allowed.
For longer flash durations, see section Current Reduction
by VIN Measurements in Flash Mode and Diagnostic
Pulse on page 15
300
ms
DCDC Step Up Converter
VVOUT
DCDC Boost output
Voltage
(pin VOUT1/2)
2.8
5.5
V
RPMOS
On-resistance
DCDC internal PMOS switch
45
m
RNMOS
On-resistance
DCDC internal NMOS switch
47
m
fCLK
Operating Frequency
All internal timings are derived from this oscillator
-7.5%
4.0
+7.5%
MHz
VVOUT5V
DCDC Boost output
Voltage
(pin VOUT1/2)
Constant voltage mode operation const_v_mode (see
page 30)=1
5.0
V
Current Sources
VLED
LED forward voltage
Two flash LEDs, ILED_OUT<2x1000mA
2.8
3.32
4.0
V
Single flash LED, ILED_OUT<1800mA
2.8
3.32
4.4
V
ILED_OUT
LED_OUT1/2 current
combined
VVIN>3.3V, coil_peak=11b,
LCOIL=0.6µH@3.4A, LESR=60m
coil SPM3012T-1R0M,
tFLASH<300ms
dual flash LED,
current_boost=0
0
2000
mA
single flash LED
0
2000
mA
ILED_OUT_BO
OST
LED_OUT1/2 current
combined
Dual flash LED, current_boost=1
0
2500
2
mA
ILED_OUT
LED_OUT1/2 current
source accuracy
Otherwise
-7
+7
%
ILED_OUT=500mA...800mA, 0ºC<TJ<100ºC
-5
+5
%
ILED_OUT
RAMP
LED_OUT1/2 ramp time
Rampup initiated by I
2C command
730
µs
Rampup started by STROBE
530
µs
Full range Ramp-down
500
µs
ILED_OUT
RIPPLE
LED_OUT current ripple
ILED_OUT = 1000mA
40
mAPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com