Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8009 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PAM8009
Description  3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8009 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PAM8009 Datasheet HTML 4Page - Diodes Incorporated PAM8009 Datasheet HTML 5Page - Diodes Incorporated PAM8009 Datasheet HTML 6Page - Diodes Incorporated PAM8009 Datasheet HTML 7Page - Diodes Incorporated PAM8009 Datasheet HTML 8Page - Diodes Incorporated PAM8009 Datasheet HTML 9Page - Diodes Incorporated PAM8009 Datasheet HTML 10Page - Diodes Incorporated PAM8009 Datasheet HTML 11Page - Diodes Incorporated PAM8009 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PAM8009
Document number: DS37224 Rev. 1 - 2
11 of 12
www.diodes.com
January 2015
© Diodes Incorporated
PAM8009
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
SO-24 (Type TH)
S e a t i n g P l a n e
1
D E T A I L ' A '
A 3
D
A 1
A 2
A
b
e
L
L 1
0 . 2 5
0
c
D E T A I L ' A '
h
h
U-QFN4040-20
SO-24 (Type TH)
Dim
Min Max
Typ
A
2.36 2.64
2.54
A1
0.10 0.30
0.20
A2
2.26 2.35
2.30
A3
0.97 1.07
1.02
b
0.39 0.48
-
c
0.25 0.31
-
D
15.20 15.60 15.40
e
1.27BSC
E
10.10 10.50 10.30
E1
7.40 7.60
7.50
h
0.25 0.75
-
L
0.70 1.00
-
L1
1.40 BSC
θ
0°
8°
-
All Dimensions in mm
U-QFN4040-20
Dim
Min
Max
Typ
A
0.55
0.65
0.60
A1
0
0.05
0.02
A3
-
-
0.15
b
0.20
0.30
0.25
D
3.95
4.05
4.00
D2
2.40
2.60
2.50
E
3.95
4.05
4.00
E2
2.40
2.60
2.50
e
0.50 BSC
L
0.35
0.45
0.40
Z
-
-
0.875
All Dimensions in mm
D
D2
E
b
L
E2
A
A1
A3
(Pin #1 ID)
Seating Plane
Z(8x)
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com