Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8009 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8009
Description  3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8009 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8009 Datasheet HTML 1Page - Diodes Incorporated PAM8009 Datasheet HTML 2Page - Diodes Incorporated PAM8009 Datasheet HTML 3Page - Diodes Incorporated PAM8009 Datasheet HTML 4Page - Diodes Incorporated PAM8009 Datasheet HTML 5Page - Diodes Incorporated PAM8009 Datasheet HTML 6Page - Diodes Incorporated PAM8009 Datasheet HTML 7Page - Diodes Incorporated PAM8009 Datasheet HTML 8Page - Diodes Incorporated PAM8009 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM8009
Document number: DS37224 Rev. 1 - 2
2 of 12
www.diodes.com
January 2015
© Diodes Incorporated
PAM8009
Typical Applications Circuit
Pin Descriptions
Package Name
Function
SO-24
QFN-20
Name
1
3
/SD
Full Chip Shutdown Control Input (Active Low)
2
4
Bypass
Bias Voltage for Power Amplifier
3
5
RIN
Negative Input of Right Channel Power Amplifier
4, 5, 20, 21
6, 18
GND
Ground Connection
6
7
LIN
Negative Input of Left Channel Power Amplifier
7
8
VOLUME
Internal Gain Setting Input
Connect to VDD which Set Max. Gain = +20dB
8
9
MUTE
Mute Control Signal Input (Active High)
9
10
SE/ BTL
Output Mode Control Input
High for SE Mode and Low for BTL Mode
10
11
AGC
VDD ~ 0.45 x VDD or Floating, Disable the Function
11
12
UVP
Under Voltage Protection Input
Floating or Pull High Disable the Function
12, 18, 23
13,16,20
VDD
Power
13
14
HP_LOUT
Headphone Output of Left Channel Power Amplifier
14, 16
-
N.C
No Connection
15
2
HP_ROUT
Headphone Output of Right Channel Power Amplifier
17
15
LOUTN
Negative Output of Left Channel Power Amplifier
19
17
LOUTP
Positive Output of Left Channel Power Amplifier
22
19
ROUTP
Positive Output of Right Channel Power Amplifier
24
1
ROUTN
Negative Output of Left Channel Power Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com