Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8009 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8009
Description  3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8009 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8009 Datasheet HTML 1Page - Diodes Incorporated PAM8009 Datasheet HTML 2Page - Diodes Incorporated PAM8009 Datasheet HTML 3Page - Diodes Incorporated PAM8009 Datasheet HTML 4Page - Diodes Incorporated PAM8009 Datasheet HTML 5Page - Diodes Incorporated PAM8009 Datasheet HTML 6Page - Diodes Incorporated PAM8009 Datasheet HTML 7Page - Diodes Incorporated PAM8009 Datasheet HTML 8Page - Diodes Incorporated PAM8009 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PAM8009
Document number: DS37224 Rev. 1 - 2
4 of 12
www.diodes.com
January 2015
© Diodes Incorporated
PAM8009
Electrical Characteristics (@TA = +25°C, VDD = 5V, Gain = Max., RL=8Ω, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
BTL Mode
VDD
Supply Voltage Range
-
2.8
-
5.5
V
IQ
Quiescent Current (BTL)
VMUTE=0, VSD=5V, No Load
-
7
-
mA
IQ
Quiescent Current (SE)
VMUTE=0, VSD=5V, No Load
-
4
-
mA
IMUTE
Mute Current (BTL)
VMUTE=0, VSD=5V, No Load
-
3
-
mA
IMUTE
Mute Current (SE)
VMUTE=0, VSD=5V, No Load
-
4
-
mA
ISD
Shutdown Current
VMUTE=0, VSD=0V, No Load
-
-
1
µA
FOSC
Oscillator Frequency
-
200
250
300
KHz
Ri
Input Resistance (BTL)
Gain=20dB
-
-
33
KΩ
Ri
Input Resistance (SE)
Gain=3.5dB
-
-
56
KΩ
VOS
Output Offset Voltage
No load
-
10
-
mV
RDS(on)
Drain – Source on-State
Resistance
VDD=5.5V, Ids=0.8A
P MOSFET
-
0.26
-
VDD=5.5V, Ids=0.8A
N MOSFET
-
0.19
-
VDD=4.5V, Ids=0.6A
P MOSFET
-
0.28
-
VDD=4.5V, Ids=0.6A
N MOSFET
-
0.21
-
VDD=3.6V, Ids=0.4A
P MOSFET
-
0.29
-
VDD=3.6V, Ids=0.4A
N MOSFET
-
0.21
-
TSTART UP
Startup time from Shutdown
Bypass Capacitor, Cb=2.2uF
-
1.72
-
S
Po
Output Power
THD+N=10%, f=1KHz, Rl=8Ω
1.5
1.7
-
W
THD+N=10%, f=1KHz, Rl=4Ω
2.8
3.0
-
THD+N
Total Harmonic Distortion Plus
Noise
Rl=8Ω, Po=0.8W, f=1KHz
-
0.08
-
%
Rl=4Ω, Po=1.6W, f=1KHz
-
0.08
-
PSRR
Power Supply Ripple Rejection
Input AC-GND, f=1KHz, Vpp=200mV
-
- 61
-
dB
CS
Channel Separation
Po=1W, f=1KHz
-
-82
-
dB
η
Efficiency
Po=1.7W, f=1KHz, Rl=8Ω
85
90
-
%
Po=3W, f=1KHz, Rl=4Ω
80
88
-
VN
Noise
Input AC-GND, A-weighting
-
180
-
uV
Non A-weighting
-
270
-
uV
SNR
Signal Noise Ratio
F=20 ~ 20KHz, THD=1%
-
83
-
dB
SE Mode
Vos
Output Offset Voltage
No load
-
2.5
-
V
Po
Output Power
THD+N=1%, Rl=32Ω, f=1KHz
-
60
-
mW
THD+N
Total Harmonic Distortion Plus
Noise
Rl=32Ω, Po=50mW, f=1KHz
-
0.02
-
%
PSRR
Power Supply Ripple Rejection
Input AC-GND,F=1KHz,Vpp=200mV
-
75
-
dB
CS
Channel Separation
Po=1W, f=1KHz
-
-87
-
dB
Vn
Noise
Input AC-GND, A-weighting
-
74
-
uV
Non A-weighting
-
58
-
uV
SNR
Signal Noise Ratio
F=20 ~ 20KHz, THD=1%
-
89
-
dB
Control Section
VIH
/SD Input High
-
1.4
-
-
V
VIL
/SD Input Low
-
-
-
0.6
V
VMH
Mute Input High
-
1.4
-
-
V
VML
Mute Input Low
-
-
-
0.6
V
OTP
Over Temperature Protection
-
-
150
-
°C
OTH
Over Temperature Hysteresis
-
-
108
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com