Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8902H Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM8902H
Description  30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8902H Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM8902H Datasheet HTML 4Page - Diodes Incorporated PAM8902H Datasheet HTML 5Page - Diodes Incorporated PAM8902H Datasheet HTML 6Page - Diodes Incorporated PAM8902H Datasheet HTML 7Page - Diodes Incorporated PAM8902H Datasheet HTML 8Page - Diodes Incorporated PAM8902H Datasheet HTML 9Page - Diodes Incorporated PAM8902H Datasheet HTML 10Page - Diodes Incorporated PAM8902H Datasheet HTML 11Page - Diodes Incorporated PAM8902H Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PAM8902H
Document number: DSxxxxx Rev. 1 - 0
8 of 12
www.diodes.com
December 2012
© Diodes Incorporated
PAM8902H
A Product Line of
Diodes Incorporated
Application Information (cont.)
Decoupling Capacitor
The PAM8902H is a high-performance CMOS audio amplifier that requires adequate power supply decoupling to ensure the output total
harmonic distortion (THD) as low as possible.
The optimum decoupling is achieved by using two different types of capacitors that target on different types of noise on the power supply leads.
For higher frequency transients, spikes or digital hash on the line, a good low equivalent series-resistance (ESR) ceramic capacitor, typically
1µF, is placed as close as possible to the device AVDD pin for the best operation. For filtering lower frequency noise signals, a large ceramic
capacitor of 10µF or greater placed near the AVDD supply trace is recommended.
External Schottky Diode
Use external schottky diode can get the best driving capability and efficiency. Since internal power diode has limited driving capability, only in
following conditions customer can remove the external schottky diode to reduce the cost.
1. VSET = GND or Floating and CL less than 1µF.
2. The signal frequency less than 4KHz.
3. Haptic application (50-500Hz)
Shutdown Operation
In order to reduce power consumption while not in use, the PAM8902H contains shutdown circuitry amplifier off when a logic low is placed on the
ENA pin. By switching the ENA pin connected to GND, the PAM8902H supply current draw will be minimized in idle mode.
Under Voltage Lock-out (UVLO)
The PAM8902H incorporates circuitry designed to detect supply voltage. When the supply voltage drops to 2.2V or below, the PAM8902H goes
into a state of shutdown, and the device comes out of its shutdown state and restore to normal function only when reset the power supply or
ENA pin.
Short Circuit Protection (SCP)
The PAM8902H has short circuit protection circuitry on the outputs to prevent the device from damage when output-to-output shorted or output-
to-GND shorted occurs. When a short circuit occurs, the dev ice goes into a latch state and must be reset by cycling the voltage on the ENA pin
to a logic low and then back to the logic high state for normal operation. This will clear the short-circuit flag and allow for normal operation if the
short was removed. If the short was not removed, the protection circuitry will again activate.
Over Temperature Protection (OTP)
Thermal protection on the PAM8902H prevents the device from damage when the internal die temperature exceeds +150°C. There is a 15°C
tolerance on this trip point from device to device. Once the die temperature exceeds the set point, the device will enter the shutdown state and
the outputs are disabled, in this condition both OUT+ and OUT- will become high impedance. This is not a latched fault. The thermal fault is
cleared once the temperature of the die decreased by 30°C. This large hysteresis will prevent motor boating sound well and the device begins
normal operation at this point with no external system interaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com