Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8902H Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8902H
Description  30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8902H Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8902H Datasheet HTML 1Page - Diodes Incorporated PAM8902H Datasheet HTML 2Page - Diodes Incorporated PAM8902H Datasheet HTML 3Page - Diodes Incorporated PAM8902H Datasheet HTML 4Page - Diodes Incorporated PAM8902H Datasheet HTML 5Page - Diodes Incorporated PAM8902H Datasheet HTML 6Page - Diodes Incorporated PAM8902H Datasheet HTML 7Page - Diodes Incorporated PAM8902H Datasheet HTML 8Page - Diodes Incorporated PAM8902H Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PAM8902H
Document number: DSxxxxx Rev. 1 - 0
1 of 12
www.diodes.com
December 2012
© Diodes Incorporated
PAM8902H
A Product Line of
Diodes Incorporated
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
Description
The PAM8902H is a mono, Class-D audio amplifier with integrated
boost convertor designed for piezo and ceramic speakers.The
PAM8902H is capable of driving a ceramic/ piezo speaker with
30Vpp(10.6Vrms) from a 3.6V power supply.The PAM8902H's Boost
converter operates at a fixed frequency of 1.5MHz , and provides a
17.5V supply with a minimum number of external components.
PAM8902H features an integrated audio low pass filter that rejects
high frequency noise thus improving audio fidelity. And three gain
modes of 21dB, 26dB and 32.5dB easy for using.PAM8902H also
provides thermal ,short, under and over voltage protection.
The PAM8902H is available in a 16-ball 1.95mm x 1.95mm CSP
package and 16-pin QFN4x4 package.
Features
Supply Voltage Range From 2.5V to 5.5V
30 VPP Output Load Voltage From a 2.5V Supply
Integrated Boost Converter Generates 17.5V Supply
Programmable Soft-Start
Small Boost Converter Inductor
Selectable Gain of 21dB, 26dB, and 32.5dB
Selectable Boost Output Voltage of 8V, 12V, and 17.5V
Low Shutdown Current: <1µA
Build in Thermal , OCP ,OVP,Short Protection
Available in Space Saving Packages:
16-ball 1.95mmx1.95mm CSP Package
16-pin QFN4x4 Package
Applications
Wireless or Cellular Handsets
Portable DVD Player
Personal Digital Assistants (PDAs )
Electronic Dictionaries
Digital Still Cameras
Pin Assignments


Similar Part No. - PAM8902H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8902HKER DIODES-PAM8902HKER Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
More results

Similar Description - PAM8902H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2100P1 TI-TPA2100P1 Datasheet
949Kb / 23P
19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Asahi Kasei Microsystem...
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
Class-D Mono Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
20W Mono Class D Audio Amplifier
Rev 1
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com