Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-KW019032 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # USB-KW019032
Description  USB-KW019032 Freescale USB Dongle Development Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW019032 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button USB-KW019032 Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 10Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 11Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 12Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 13Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 14Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
USB-KW019032 Freescale USB Dongle Development Board , User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc.
11
USB-KW019032 development board
4.2.2
Clocks
The USB-KW019032 board provides one clock (a 32 MHz reference oscillator). Figure 7 shows the
32 MHz external crystal Y1. This mounted crystal meets the MKW01Z128 transceiver requirements.
— Capacitors C22 and C21 provide the bulk of the crystal load capacitance. At 25 °C, it must have
the frequency accurate to ±10 ppm (or less) to enable temperature variation.
— Signal DIO5/CLKOUT can be used to supply an external clock to the MCU die.
Figure 7. USB-KW019032 32 MHz reference oscillator circuit
4.2.3
Power management
There is a single way to power the USB-KW019032 board. It is made via the type-A USB connector J5 to
supply 5 V (VUSB) directly to the secondary MCU (MK22FN512), which includes an internal LDO and
a 3.3 V output to enable the MKW01Z128 device. The USB-KW019032 power management circuit is
shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com