Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-KW019032 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # USB-KW019032
Description  USB-KW019032 Freescale USB Dongle Development Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW019032 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button USB-KW019032 Datasheet HTML 16Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 17Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 18Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 19Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 20Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 21Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 22Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 23Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
USB-KW019032 Freescale USB Dongle Development Board , User’s Guide, Rev. 0, 10/2015
20
Freescale Semiconductor, Inc.
USB-KW019032 development board
26
2
R50, R51
33
RES MF 33.0 OHM
1/16W 1% 0402
VISHAY
INTERTECHNOLOGY
CRCW040233R0FKED
27
1
R85
100
RES MF 100 OHM
1/16W 5% 0402
VISHAY
INTERTECHNOLOGY
CRCW0402100RJNED
28
3
R10, R30, R31 220
RES MF 220 OHM
1/16W 5% 0402
VISHAY
INTERTECHNOLOGY
CRCW0402220RJNED
29
6
R88, R89,
R90, R91,
R92, R93
1.0 K
RES MF 1.0K 1/16W
1% 0402
YAGEO AMERICA
RC0402FR-071KL
30
2
R53, R54
4.7 K
RES MF 4.7K 1/16W
5% 0402
YAGEO AMERICA
RC0402JR-134K7L
31
1
R5 DNP
4.7 K
RES MF 4.7K 1/16W
5% 0402
YAGEO AMERICA
RC0402JR-134K7L
32
2
R25, R26
10.0 K
RES MF 10.0K 1/16W
1% AEC-Q200 0402
VISHAY
INTERTECHNOLOGY
CRCW040210K0FKED
33
1
R105
10.0 K
RES MF 10.0K 1/16W
1% AEC-Q200 0402
VISHAY
INTERTECHNOLOGY
CRCW040210K0FKED
34
1
R556 DNP
10.0 K
RES MF 10.0K 1/16W
1% AEC-Q200 0402
VISHAY
INTERTECHNOLOGY
CRCW040210K0FKED
35
2
R113, R114
15 K
RES MF 15.0K 1/16W
1% 0402
BOURNS
CR0402-FX-1502GLF
36
1
R106
27 K
RES MF 27K 1/16W
5% 0402
VISHAY
INTERTECHNOLOGY
CRCW040227K0JNED
37
1
R112 DNP
27 K
RES MF 27K 1/16W
5% 0402
VISHAY
INTERTECHNOLOGY
CRCW040227K0JNED
38
1
SH19 DNP
0
CUT TRACE
RESISTOR
NOTACOMPONENT
NOTACOMPONENT
39
6
SH40, SH41,
SH44, SH45,
SH46, SH47
DNP
0
CUT TRACE
RESISTOR
NOTACOMPONENT
NOTACOMPONENT
40
4
SW1, SW2,
SW5, SW6
TL1015AF160QG SW SPST-NO 0.05A,
12V, SMT
E-SWITCH
TL1015AF160QG
41
7
TP2, TP4,
TP9, TP10,
TP46, TP48,
TP104
TPAD_040
TEST POINT PAD
40MIL DIA SMT, NO
PART TO ORDER
NOTACOMPONENT
NOTACOMPONENT
Table 2. Bill of materials (parts common for all frequency bands) (Sheet 3 of 4)
Item
Qty
Reference
Value
Description
Mfg. name
Mfg. part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com