Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-KW019032 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # USB-KW019032
Description  USB-KW019032 Freescale USB Dongle Development Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW019032 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button USB-KW019032 Datasheet HTML 14Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 15Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 16Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 17Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 18Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 19Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 20Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 21Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
USB-KW019032 Freescale USB Dongle Development Board , User’s Guide, Rev. 0, 10/2015
18
Freescale Semiconductor, Inc.
USB-KW019032 development board
Figure 18. USB-KW019032 board layout (bottom view)
4.3.1
Bill of materials
The following tables list the bill of materials. Table 2 details the parts common for all frequency bands,
Table 3 details the parts for the 915 MHz and 868 MHz frequency bands (default), Table 4 details the parts
for the 433 MHz frequency band, and Table 5 details the parts for the 315 MHz frequency band.
NOTE
The ANT1 component is designed to be used with 900 MHz and 800 MHz
frequencies, and the values for the components L3, C17, and C20 are
calculated for those frequencies and this particular chip antenna; in case
another antenna is required, those values must be readjusted according to
the new antenna and manufacturer recommendations.
Table 2. Bill of materials (parts common for all frequency bands) (Sheet 1 of 4)
Item
Qty
Reference
Value
Description
Mfg. name
Mfg. part number
1
1
C13
6.8 pF
CAP CER 6.8PF 50V
0.5PF C0G 0402
MURATA
GRM1555C1H6R8DZ01J
21
C7 DNP
10 pF
CAP CER 10PF 50V
5% C0G 0402
AVX
04025A100JAT2A
3
2
C21, C22
11 pF
CAP CER 11PF 50V
1% C0G 0402
KEMET
CBR04C110F5GAC
4
2
C23, C24 DNP 22 pF
CAP CER 22PF 50V
5% C0G 0402
AVX
04025A220JAT2A
5
2
C37, C38 DNP 47 pF
CAP CER 47PF 50V
5% C0G 0402
MURATA
GRM1555C1H470JA01D
6
2
C50, C58
100 pF
CAP CER 100PF 50V
5% C0G 0402
KEMET
C0402C101J5GAC
7
1
C16
220 pF
CAP CER 220PF 50V
5% C0G 0402
KEMET
C0402C221J5GAC
8
2
C60, C61
1000 pF
CAP CER 1000PF 50V
5% C0G 0402
MURATA
GRM1555C1H102JA01D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com