Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS12011 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # TS12011
Description  Nanopower Op Amp, Comparator, and Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12011 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button TS12011 Datasheet HTML 2Page - Silicon Laboratories TS12011 Datasheet HTML 3Page - Silicon Laboratories TS12011 Datasheet HTML 4Page - Silicon Laboratories TS12011 Datasheet HTML 5Page - Silicon Laboratories TS12011 Datasheet HTML 6Page - Silicon Laboratories TS12011 Datasheet HTML 7Page - Silicon Laboratories TS12011 Datasheet HTML 8Page - Silicon Laboratories TS12011 Datasheet HTML 9Page - Silicon Laboratories TS12011 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TS12011/TS12012
Page 6
TS12011/12 Rev. 1.0
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5V; VSS = 0V; VAMPOUT = HiZ; VCOMPOUT = HiZ, unless otherwise noted. Typical values are at TA = +25°C.
SOURCE CURRENT - mA
1
2
0.4
0
Comparator Output Voltage High
vs Source Current
0
3
0.6
0.2
4
SINK CURRENT - mA
1
2
0.1
0
Comparator Output Voltage Low
vs Sink Current
0
3
0.2
0.3
0.4
SOURCE CURRENT - mA
2
4
0.1
0
0.4
Op Amp Output Voltage High
vs Source Current
0
6
0.2
0.3
8
SINK CURRENT - mA
2
4
0.14
0.07
0.35
0
6
0.21
0.28
Op Amp Output Voltage Low
vs Sink Current
0.5
0.6
0
SUPPLY VOLTAGE - V
-200
-300
100
-100
0
200
Op Amp Input Offset Voltage
vs Supply Voltage
1.23
1.65
0.8
2.08
2.5
300
VINCM = VDD
VINCM = VSS
SUPPLY VOLTAGE - V
-0.5
-1
1
0
0.5
Comparator Input Offset Voltage
vs Supply Voltage
1.23
1.65
0.8
2.08
2.5
VINCM = VDD
VINCM = VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com