Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS12011 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # TS12011
Description  Nanopower Op Amp, Comparator, and Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12011 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button TS12011 Datasheet HTML 3Page - Silicon Laboratories TS12011 Datasheet HTML 4Page - Silicon Laboratories TS12011 Datasheet HTML 5Page - Silicon Laboratories TS12011 Datasheet HTML 6Page - Silicon Laboratories TS12011 Datasheet HTML 7Page - Silicon Laboratories TS12011 Datasheet HTML 8Page - Silicon Laboratories TS12011 Datasheet HTML 9Page - Silicon Laboratories TS12011 Datasheet HTML 10Page - Silicon Laboratories TS12011 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TS12011/TS12012
TS12011/12 Rev. 1.0
Page 7
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5V; VSS = 0V; VAMPOUT = HiZ; VCOMPOUT = HiZ, unless otherwise noted. Typical values are at TA = +25°C.
TS12011
Comparator Propagation Delay (TPD+)
VDD = 2.5V, VOVERDRIVE = 100mV, CLOAD = 15pF
20µs/DIV
TS12011
Comparator Propagation Delay (TPD-)
VDD = 2.5V, VOVERDRIVE = 100mV, CLOAD = 15pF
20µs/DIV
SUPPLY VOLTAGE - V
0.4
0.2
0.8
0.6
Op Amp Input Offset Voltage
vs Input Common-Mode Voltage
0.2
0.4
0
0.6
0.8
VDD = 0.8V
SUPPLY VOLTAGE - V
0.5
0.4
0.8
0.6
0.7
Op Amp Input Offset Voltage
vs Input Common-Mode Voltage
0.5
1
01.5
2
VDD = 2.5V
2.5
TS12011
Op Amp Small-Signal Transient Response
VDD = 2.5V, RLOAD = 100kΩ, CLOAD = 15pF
200µs/DIV
TS12011
Op Amp Large Signal Transient Response
VDD = 2.5V, RLOAD = 100kΩ, CLOAD = 15pF
500µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com