Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS12011 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # TS12011
Description  Nanopower Op Amp, Comparator, and Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12011 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button TS12011 Datasheet HTML 5Page - Silicon Laboratories TS12011 Datasheet HTML 6Page - Silicon Laboratories TS12011 Datasheet HTML 7Page - Silicon Laboratories TS12011 Datasheet HTML 8Page - Silicon Laboratories TS12011 Datasheet HTML 9Page - Silicon Laboratories TS12011 Datasheet HTML 10Page - Silicon Laboratories TS12011 Datasheet HTML 11Page - Silicon Laboratories TS12011 Datasheet HTML 12Page - Silicon Laboratories TS12011 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TS12011/TS12012
TS12011/12 Rev. 1.0
Page 9
BLOCK DIAGRAM
THEORY OF OPERATION
The TS12011 and TS12012 are multi-purpose CMOS
building blocks intended for creating analog glue
functions around battery-powered uC systems. There
is an op amp for signal conditioning, a comparator for
detection, and a reference to establish detection
threshold levels. It’s possible to build a wide variety of
timers, event detectors, regulators, and voltage
monitors using these flexible uncommitted blocks.
Optimized for low-voltage operation, these devices
draw less than 1.6uA total from a 0.8V to 2.5V
supply. The op amp and comparator blocks typically
continue
to
function
down
to
less
than
0.5V
(REFOUT will go into dropout, however).
Comparator
The comparator block is designed for high gain and
chatter-free output switching in noisy environments.
The comparator inputs have rail-to-rail VIN range,
and exhibit +/-7.5mV of hysteresis.
The only
difference between the two device types is in the
output stage of the comparator. The TS12011 has a
push-pull output and latches in the high state. The
TS12012 has an open-drain output, latches in the low
state, and can tolerate pull-up voltages higher than
the
supply
(up
to
5.5V
absolute
max
above
VSS/GND).
TS12011 push-pull output driver was designed to
minimize supply-current surges while driving ±100µA
loads with an output swing to within 100mV of the
supply rails. The TS12011 and the TS12012 can sink
0.5mA and 1.4mA of current, respectively. The
TS12011 can source 0.1mA of current.
The non-traditional latch function works to detect and
latch changes in the input state. If the LHDET
control
input is enabled, the output will latch high (low for the
TS12012) whenever the differential input voltage is
high enough to force a change in that direction. If the
differential voltage is in the wrong direction to force a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com