Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC56EL60L5CFQY Datasheet(PDF) 105 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 105 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 101Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 102Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 103Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 104Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 105Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 106Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 107Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 108Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 137 page
background image
DocID026934 Rev 1
105/137
RPC56EL60L5
Electrical characteristics
136
Figure 9. Transient Behavior during Sampling Phase
In particular two different transient periods can be distinguished:
A first and quick charge transfer from the internal capacitance CP1 and CP2 to the
sampling capacitance CS occurs (CS is supposed initially completely discharged):
considering a worst case (since the time constant in reality would be faster) in which
CP2 is reported in parallel to CP1 (call CP = CP1 + CP2), the two capacitances CP and
CS are in series, and the time constant is
Equation 5
Equation 5 can again be simplified considering only CS as an additional worst
condition. In reality, the transient is faster, but the A/D converter circuitry has been
designed to be robust also in the very worst case: the sampling time TS is always much
longer than the internal time constant:
Equation 6
The charge of CP1 and CP2 is redistributed also on CS, determining a new value of the
voltage VA1 on the capacitance according to Equation 7:
Equation 7
A second charge transfer involves also CF (that is typically bigger than the on-chip
capacitance) through the resistance RL: again considering the worst case in which CP2
VA
VA1
VA2
t
TS
VCS
Voltage Transient on CS
V <0.5 LSB
1
2
1 < (RSW + RAD) CS << TS
2 = RL (CS + CP1 + CP2)
1
R
SW
R
AD
+

=
C
P
C
S
C
P
C
S
+
----------------------
1
R
SW
R
AD
+

C
S
T
S
«
V
A1
C
S
C
P1
C
P2
++

V
A
C
P1
C
P2
+

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com