Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC56EL60L5CFQY Datasheet(PDF) 108 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 108 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 104Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 105Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 106Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 107Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 108Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 109Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 110Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 111Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 137 page
background image
Electrical characteristics
RPC56EL60L5
108/137
DocID026934 Rev 1
3.16
Flash memory electrical characteristics
GNE
T Gain error
—
–6
—
6
LSB
IS1WINJ
(single ADC channel)
C Max positive/negative injection
–3
—
3
mA
IS1WWINJ
(double ADC channel)
C Max positive/negative injection
|Vref_ad0 - Vref_ad1| <
150mV
–3.6
—
3.6
mA
SNR
T Signal-to-noise ratio
Vref = 3.3V
67
—
—
dB
SNR
T Signal-to-noise ratio
Vref = 5.0V
69
—
—
dB
THD
T Total harmonic distortion
—
-65
—
—
dB
SINAD
T Signal-to-noise and distortion
—
65
—
—
dB
ENOB
T Effective number of bits
—
10.5
—
—
bits
TUEIS1WINJ T
Total unadjusted error for IS1WINJ (single
ADC channels)
Without current injection
–6
—
6
LSB
With current injection
–8
—
8
LSB
TUEIS1WWI
NJ
P Total unadjusted error for IS1WWINJ
(double ADC channels)
Without current injection
–8
—
8
LSB
T
With current injection
–10
—
10
LSB
1.
TJ = –40 to +150 °C, unless otherwise specified and analog input voltage from VAGND to VAREF.
2.
AD_CK clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
3.
This is the maximum frequency that the analog portion of the ADC can attain. A sustained conversion at this frequency is
not possible.
4.
During the sample time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tsample. After the end of the
sample time tsample, changes of the analog input voltage have no effect on the conversion result. Values for the sample
clock tsample depend on programming.
5.
This parameter does not include the sample time Tsample, but only the time for determining the digital result.
6.
See Figure 8.
7.
For the 144-pin package
8.
No missing codes
Table 24. ADC conversion characteristics (continued)
Symbol
Parameter
Conditions(1)
Min
Typ Max
Unit
Table 25. Flash memory program and erase electrical specifications
No.
Symbol
Parameter
Typ
(1)
Initial
Max
(2)
Lifetime
Max(3)
Unit
1TDWPROGRAM
*(4)
Double word (64 bits) program time(4)
30
—
500
µs
2TPPROGRAM
*(4)
Page(128 bits) program time(4)
40
160
500
µs
3T16KPPERASE
*(4)
16 KB block pre-program and erase time
250
1000
5000
ms
4T48KPPERASE
*(4)
48 KB block pre-program and erase time
400
1500
5000
ms
5T64KPPERASE
*(4)
64 KB block pre-program and erase time
450
1800
5000
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com