Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC56EL60L5CFQY Datasheet(PDF) 112 Page - STMicroelectronics

Part # RPC56EL60L5CFQY
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQY Datasheet(HTML) 112 Page - STMicroelectronics

Back Button RPC56EL60L5CFQY Datasheet HTML 108Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 109Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 110Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 111Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 112Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 113Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 114Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 115Page - STMicroelectronics RPC56EL60L5CFQY Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 137 page
background image
Electrical characteristics
RPC56EL60L5
112/137
DocID026934 Rev 1
Figure 11. Pad output delay
3.19
Reset sequence
This section shows the duration for different reset sequences. It describes the different reset
sequences and it specifies the start conditions and the end indication for the reset
sequences.
3.19.1
Reset sequence duration
Table 30 specifies the minimum and the maximum reset sequence duration for the five
different reset sequences described in Section 3.19.2.
VDDE/2
VOH
VOL
Rising
Edge
Output
Delay
Falling
Edge
Output
Delay
Pad
Data Input
Pad
Output
Table 30. RESET sequences
No.
Symbol
Parameter
Conditions
TReset
Unit
Min
Typ
Max(1)
1TDRB
CC
Destructive Reset Sequence, BIST enabled
28
34
39
ms
2TDR
CC
Destructive Reset Sequence, BIST disabled
—
500
4200
5000
s
3TERLB
CC
External Reset Sequence Long, BIST
enabled
28
32
37
ms
4TFRL
CC
Functional Reset Sequence Long
—
35
150
400
s
5TFRS
CC
Functional Reset Sequence Short
—
1
4
10
s
1.
The maximum value is applicable only if the reset sequence duration is not prolonged by an extended assertion of RESET
by an external reset generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com