Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-TR Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9779WD-TR
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-TR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9779WD-TR Datasheet HTML 67Page - STMicroelectronics L9779WD-TR Datasheet HTML 68Page - STMicroelectronics L9779WD-TR Datasheet HTML 69Page - STMicroelectronics L9779WD-TR Datasheet HTML 70Page - STMicroelectronics L9779WD-TR Datasheet HTML 71Page - STMicroelectronics L9779WD-TR Datasheet HTML 72Page - STMicroelectronics L9779WD-TR Datasheet HTML 73Page - STMicroelectronics L9779WD-TR Datasheet HTML 74Page - STMicroelectronics L9779WD-TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 170 page
background image
DocID027452 Rev 5
71/170
L9779WD
Functional description
169
Figure 44. Ignition-pre drivers (IGN1 to 4) diagram
6.11.2
Ignition pre-driver diagnosis
Each channel locally detects and writes its own fault or no-fault condition (codified on 2 bit
according to Table 28: Fault encoding condition).
The detected faults are:
IGNx short circuit to battery (SCB)
IGNx open load (OL)
IGNx short to GND (SCG)
Short to GND
This diagnosis is made in two different ways based on the status of IGN_DIA_SGEN.
If IGN_DIA_SGEN = 1
When the IGNx is on, if for a time longer than Tign_filt, the current is bigger than IOVC, the
short to GND fault is detected and the IGNx output becomes high impedance, the fault is
latched and is reset at every Read Diag operation.
If IGN_DIA_SGEN = 0
When the IGNx is on, if for a time longer than Tign_filt, the voltage of IGNx is lower than
VLVT, the short to GND fault is detected and the IGNx output becomes high impedance, the
fault is latched and is reset at every Read Diag operation.
The high impedance is removed and IGNx is driven by the command:
–
after a Read Diag operation
–
if command is switched OFF and ON again.
Open load
When IGNt is on, if for a time longer than Tign_filt, the current is below Iol the open-load
fault is detected, latched and it is reset at every Read Diag operation. IGNx remains always
driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com