Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9779WD-TR Datasheet(PDF) 82 Page - STMicroelectronics

Part # L9779WD-TR
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-TR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L9779WD-TR Datasheet HTML 78Page - STMicroelectronics L9779WD-TR Datasheet HTML 79Page - STMicroelectronics L9779WD-TR Datasheet HTML 80Page - STMicroelectronics L9779WD-TR Datasheet HTML 81Page - STMicroelectronics L9779WD-TR Datasheet HTML 82Page - STMicroelectronics L9779WD-TR Datasheet HTML 83Page - STMicroelectronics L9779WD-TR Datasheet HTML 84Page - STMicroelectronics L9779WD-TR Datasheet HTML 85Page - STMicroelectronics L9779WD-TR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 170 page
background image
Functional description
L9779WD
82/170
DocID027452 Rev 5
Figure 50. Stepper motor driver “off” diagnosis time diagram
Figure 51. Stepper motor driver diagnosis I-V relationship diagram
Note:
this wave shows the I/V relationship of pin current and pin voltage when OUTA(OUTC) short
to OUTB(OUTD) and force the pin voltage from 0 V to VB in typical condition. For example,
when pin voltage of OUTA = OUTB = 1.5 V, the pull up/down current is about -50 µA for
OUTA and about 14 µA for OUTB. When pin voltage of OUTA = OUTB = 5 V, the pull
up/down current is about 40 µA for OUTA and about 220 µA for OUTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com