| Electronic Components Datasheet Search |
|
L9779WD-TR Datasheet(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9779WD-TR Datasheet(HTML) 77 Page - STMicroelectronics |
|
77 / 170 page ![]() DocID027452 Rev 5 77/170 L9779WD Functional description 169 Note: The bit OUT21,25_EN_LB has priority over CPS_CONFx bit, this means that if one of OUT21,25_EN_LB is set to 1 the OUT21…28 become independent power stages. Two H-Bridge for stepper motor driving (no half-bridge arrangement is possible). The over current threshold is the same as the single power stages. When configured for stepper motor driving the motor movement is controlled through bit EN, DIR and PWM (see Table 31). In stepper motor configuration HS and LS power stages (OUT21...OUT28) can be used as single power stages, and any of them can be connected in parallel to each other (same type). If the bit EN=1, the writing of bit PWM from 0 to 1 lead to the next step of the turn on sequence. The writing of bit PWM to 0 left unchanged the MOS of the bridge that is ON. The step is done only if the PWM bit goes from 0 to 1. The order of the turn-on sequence is defined by the bit DIR. The initial stepper position, after power-on, is the one with OUT21 and OUT24 ON in Hbridge1 and with OUT26 and OUT27 ON in Hbridge2. If configured as H-bridges the internal logic prohibits that the low-side and the high-side switch of the same half-bridge will be switched on simultaneously. In the below diagram the stepper motor operation is available. Table 31. Configuration of the stepper motor PWM EN DIR H-bridge 1 Power on H-bridge 2 Power on X 0 X None None 11 1 OUT21, OUT24 OUT26, OUT27 1 1 1 OUT21, OUT24 OUT25, OUT28 1 1 1 OUT23, OUT22 OUT25, OUT28 1 1 1 OUT23, OUT22 OUT26, OUT27 11 0 OUT21, OUT24 OUT26, OUT27 1 1 0 OUT23, OUT22 OUT26, OUT27 1 1 0 OUT23, OUT22 OUT25,OUT28 1 1 0 OUT21, OUT24 OUT25,OUT28 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |