Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL40N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL40N10F7
Description  Among the lowest RDS on the market
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL40N10F7 Datasheet HTML 1Page - STMicroelectronics STL40N10F7 Datasheet HTML 2Page - STMicroelectronics STL40N10F7 Datasheet HTML 3Page - STMicroelectronics STL40N10F7 Datasheet HTML 4Page - STMicroelectronics STL40N10F7 Datasheet HTML 5Page - STMicroelectronics STL40N10F7 Datasheet HTML 6Page - STMicroelectronics STL40N10F7 Datasheet HTML 7Page - STMicroelectronics STL40N10F7 Datasheet HTML 8Page - STMicroelectronics STL40N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2015
DocID024671 Rev 3
1/15
This is information on a product in full production.
www.st.com
STL40N10F7
N-
channel 100 V, 0.02 Ω typ., 10 A STripFET™ F7
Power MOSFET in a PowerFLAT™ 5x6 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STL40N10F7
100 V
0.024Ω
10 A
5 W
Among the lowest RDS(on) on the market
Excellent figure of merit (FoM)
Low Crss/Ciss ratio for EMI immunity
High avalanche ruggedness
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
Table 1: Device summary
Order code
Marking
Package
Packing
STL40N10F7
40N10F7
PowerFLAT
TM 5x6
Tape and reel


Similar Part No. - STL40N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
135Kb / 5P
Keil starter kits for ST ARM core-based microcontrollers
18-Jun-2009
More results

Similar Description - STL40N10F7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1587 FAIRCHILD-RC1587 Datasheet
333Kb / 4P
Power Conversion for the Data Communications Market
logo
International Rectifier
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
logo
STMicroelectronics
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
Following the market launch of the award winning
28-Jul-2009
logo
List of Unclassifed Man...
AOC-STG-B4S ETC2-AOC-STG-B4S Datasheet
388Kb / 1P
The Lowest Power and Highest Performance 4-port 10GbE Controller in The Market
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
Ohmite Mfg. Co.
RES-2010SMD OHMITE-RES-2010SMD Datasheet
304Kb / 2P
Smallest wirewound on the market
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
RF Monolithics, Inc
DM1810-434-XK RFM-DM1810-434-XK Datasheet
95Kb / 1P
ETSI-certified for the European market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com