Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL40N10F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL40N10F7
Description  Among the lowest RDS on the market
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40N10F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL40N10F7 Datasheet HTML 1Page - STMicroelectronics STL40N10F7 Datasheet HTML 2Page - STMicroelectronics STL40N10F7 Datasheet HTML 3Page - STMicroelectronics STL40N10F7 Datasheet HTML 4Page - STMicroelectronics STL40N10F7 Datasheet HTML 5Page - STMicroelectronics STL40N10F7 Datasheet HTML 6Page - STMicroelectronics STL40N10F7 Datasheet HTML 7Page - STMicroelectronics STL40N10F7 Datasheet HTML 8Page - STMicroelectronics STL40N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STL40N10F7
4/15
DocID024671 Rev 3
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On/Off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 μA, VGS = 0 V
100
V
IDSS
Zero gate voltage
drain current
VGS = 0
VDS = 100 V
10
µA
VGS = 0 , VDS = 100 V, TC =
125° C
100
μA
IGSS
Gate-body leakage
current
VDS = 0, VGS= +20 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS , ID = 250 μA
3
4.5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID= 10 A
0.02
0.024
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0 V
-
1270
-
pF
Coss
Output capacitance
-
290
-
pF
Crss
Reverse transfer
capacitance
-
24
-
pF
Qg
Total gate charge
VDD = 50 V, ID = 32 A,
VGS = 10 V (see Figure 14: "Test
circuit for gate charge behavior")
-
119
-
nC
Qgs
Gate-source charge
-
9
-
nC
Qgd
Gate-drain charge
-
4.5
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay
time
VDD = 50 V, ID = 16 A,
RG = 4.7 Ω, VGS = 10 V (see Figure 13:
"Test circuit for resistive load switching
times")
-
12
-
ns
tr
Rise time
-
17.5
-
ns
td(off)
Turn-off delay
time
-
22
-
ns
tf
Fall time
-
5.6
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com