Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL40N10F7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL40N10F7
Description  Among the lowest RDS on the market
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40N10F7 Datasheet(HTML) 5 Page - STMicroelectronics

  STL40N10F7 Datasheet HTML 1Page - STMicroelectronics STL40N10F7 Datasheet HTML 2Page - STMicroelectronics STL40N10F7 Datasheet HTML 3Page - STMicroelectronics STL40N10F7 Datasheet HTML 4Page - STMicroelectronics STL40N10F7 Datasheet HTML 5Page - STMicroelectronics STL40N10F7 Datasheet HTML 6Page - STMicroelectronics STL40N10F7 Datasheet HTML 7Page - STMicroelectronics STL40N10F7 Datasheet HTML 8Page - STMicroelectronics STL40N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STL40N10F7
Electrical characteristics
DocID024671 Rev 3
5/15
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain curren
ISD = 32 A, VGS = 0 V
-
32
A
ISDM
(1)
Source-drain current (pulsed)
128
A
VSD
(2)
Forward on voltage
1.1
V
trr
Reverse recovery time
ISD = 32 A, di/dt = 100 A/µs
VDD = 80 V. TJ = 150° C
-
41
ns
Qrr
Reverse recovery charge
-
47
nC
IRRM
Reverse recovery current
-
2.3
A
Notes:
(1)
Pulse width limited by safe operating area
(2)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Op
er
at
ion
in
th
is
ar
ea
is
Lim
ite
d
by
m
ax
R
DS
(on
)
10ms
1s
100ms
0.01
Tj=175°C
Tpcb=25°C
Single pulse
GIPG270320141147SA
d
0.05
0.02
0.01
0.1
0.2
GIPG270320141356S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com