Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEB2256HT Datasheet(PDF) 99 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 99 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 95Page - Infineon Technologies AG PEB2256HT Datasheet HTML 96Page - Infineon Technologies AG PEB2256HT Datasheet HTML 97Page - Infineon Technologies AG PEB2256HT Datasheet HTML 98Page - Infineon Technologies AG PEB2256HT Datasheet HTML 99Page - Infineon Technologies AG PEB2256HT Datasheet HTML 100Page - Infineon Technologies AG PEB2256HT Datasheet HTML 101Page - Infineon Technologies AG PEB2256HT Datasheet HTML 102Page - Infineon Technologies AG PEB2256HT Datasheet HTML 103Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description E1
Data Sheet
99
2002-08-27
XL1/2 and if the transmit line current drops below the detection limit the high-impedance
state is cleared.
Two conditions are detected by the monitor: transmit line de-jitteredity (more than 31
consecutive zeros) indicated by FRS1.XLO and transmit line high current indicated by
FRS1.XLS. In both cases a transmit line monitor status change interrupt is provided.
Figure 25
Transmit Line Monitor Configuration (E1)
4.4.7
Transmit Signaling Controller (E1)
Similar to the receive signaling controller the same signaling methods and the same time
slot assignment is provided. The FALC56 performs the following signaling and data link
methods.
4.4.7.1
HDLC or LAPD access
The transmit signaling controller of the FALC56 performs the flag generation, CRC
generation, zero-bit stuffing and programmable idle code generation. Buffering of
transmit data is done in the 64 byte deep XFIFO. The signaling information is internally
multiplexed with the data applied to port XDI or XSIG.
In signaling controller transparent mode, fully transparent data transmission without
HDLC framing is performed. Optionally the FALC56 supports the continuous
transmission of the XFIFO contents.
The FALC56 offers the flexibility to insert data during certain time slots. Any
combinations of time slots can be programmed separately for the receive and transmit
direction if using HDLC channel 1. HDLC channel 2 and 3 support one programmable
time slot common for receive and transmit direction each.
ITS10936
Pulse
Shaper
Monitor
Line
TRI
XDATA
XL1
XL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com