Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VL6180X Datasheet(PDF) 14 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 10Page - STMicroelectronics VL6180X Datasheet HTML 11Page - STMicroelectronics VL6180X Datasheet HTML 12Page - STMicroelectronics VL6180X Datasheet HTML 13Page - STMicroelectronics VL6180X Datasheet HTML 14Page - STMicroelectronics VL6180X Datasheet HTML 15Page - STMicroelectronics VL6180X Datasheet HTML 16Page - STMicroelectronics VL6180X Datasheet HTML 17Page - STMicroelectronics VL6180X Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 79 page
background image
Functional description
VL6180X
14/79
DocID026171 Rev 6
2.2
Timing diagram
Figure 9 and Table 4.show the Root part number 1 power-up timing constraints.
AVDD_VCSEL must be applied before or at the same time as AVDD.
GPIO0 defaults to an active low shutdown input. When GPIO0 = 0, the device is in
hardware standby. If GPIO0 is not used it should be connected to AVDD.
The internal microprocessor (MCU) boot sequence commences when AVDD is up and
GPIO0 is high whichever is the later.
GPIO1 power-up default is output low. It is tri-stated during the MCU boot sequence.
Note:
In hardware standby, GPIO1 is output low and will sink current through any pull-up resistor.
This leakage can be minimized by increasing the value of the pull-up resistor.
After the MCU boot sequence the device enters software standby. The software
standby state can be determined by polling
SYSTEM__FRESH_OUT_OF_RESET{0x16}
. Host initialization can commence
immediately after entering software standby.
Figure 9. Power-up timing
Table 4. Power-up timing constraints
Symbol
Parameter
Min
Max
Unit
t1
AVDD_VCSEL power applied after AVDD
-
0
ms
t2
Minimum reset on GPIO0
100
-
ns
t3
GPIO1 output low after hardware standby
-
400
μs
t4
MCU boot
-
1
ms
t5
Software standby to host initialization
-
0
ms
AVDD
AVDD_VCSEL
GPIO0 (optional)
GPIO1
System state
fresh_out_of_reset
hardware
standby
hardware
standby
software
standby
mcu boot
software
standby
t1
t2
t3
t5
t4
I2C Comms
t3
mcu boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com