Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VL6180X Datasheet(PDF) 18 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 14Page - STMicroelectronics VL6180X Datasheet HTML 15Page - STMicroelectronics VL6180X Datasheet HTML 16Page - STMicroelectronics VL6180X Datasheet HTML 17Page - STMicroelectronics VL6180X Datasheet HTML 18Page - STMicroelectronics VL6180X Datasheet HTML 19Page - STMicroelectronics VL6180X Datasheet HTML 20Page - STMicroelectronics VL6180X Datasheet HTML 21Page - STMicroelectronics VL6180X Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
Functional description
VL6180X
18/79
DocID026171 Rev 6
2.4.3
Interleaved mode
Figure 11. describes the continuous interleaved mode of operation where an ALS
measurement is immediately followed by a range measurement and repeated after an
interval specified by the ALS inter-measurement period.
To enable interleaved mode, set INTERLEAVED_MODE_ENABLE{0x2A3} = 1. Use
SYSALS__START
and SYSALS__INTERMEASUREMENT_PERIOD to control interleaved
operation.
Note:
Continuous range settings have no effect in this mode.
Figure 11. Interleaved mode
Note:
To ensure correct operation in any of the continuous modes, the user must ensure that the
inter-measurement period is sufficient for the operation to be completed within the inter-
measurement period. Failure to do so could result in unpredictable behavior.
2.4.4
Continuous mode limits
To take account of oscillator tolerances and internal processing overheads it is necessary to
place the following constraints on continuous mode operations. The following equations
define the minimum inter-measurement period to ensure correct operation:
Continuous range:
SYSRANGE__MAX_CONVERGENCE_TIME + 5
≤
SYSRANGE__INTERMEASUREMENT_PERIOD * 0.9
Continuous ALS:
SYSALS__INTEGRATION_TIME * 1.1
≤ SYSALS__INTERMEASUREMENT_PERIOD *
0.9
Interleaved mode:
(SYSRANGE__MAX_CONVERGENCE _TIME + 5) + (SYSALS__INTEGRATION_TIME *
1.1)
≤ SYSALS__INTERMEASUREMENT_PERIOD * 0.9
Table 6. gives an example how to apply these limits in continuous interleaved mode
operating at a sampling rate of 10 Hz.
ALS
Range
ALS inter-measurement period
ALS inter-measurement period
ALS
Range
ALS
Range
Interrupt
flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com