Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VL6180X Datasheet(PDF) 26 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 22Page - STMicroelectronics VL6180X Datasheet HTML 23Page - STMicroelectronics VL6180X Datasheet HTML 24Page - STMicroelectronics VL6180X Datasheet HTML 25Page - STMicroelectronics VL6180X Datasheet HTML 26Page - STMicroelectronics VL6180X Datasheet HTML 27Page - STMicroelectronics VL6180X Datasheet HTML 28Page - STMicroelectronics VL6180X Datasheet HTML 29Page - STMicroelectronics VL6180X Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
Functional description
VL6180X
26/79
DocID026171 Rev 6
2.11.3
Current distribution
Table 12. shows how current consumption is distributed between the two supplies in ranging
mode. AVDD_VCSEL supplies the VCSEL current and AVDD supplies all other functions.
Note:
The VCSEL driver is pulsed at 100 MHz with a 33% duty cycle (see Figure 15.) so average
current consumption on AVDD_VCSEL is one third of the peak.
Figure 15. VCSEL pulse duty cycle
Table 12. Current consumption on AVDD and AVDD_VCSEL
Power supply(1)
1.
Normally, both supplies will be driven from a common source giving a peak instantaneous current demand
of 38 mA.
Current
Note
AVDD
14 mA
Average during active ranging
AVDD_VCSEL
8 mA(2)
2.
Peak emitter current during ranging is 24 mA.
Average during active ranging (33% duty cycle).
33% duty cycle
10 ns
24 mA peak current
8 mA average current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com