Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VX6953CB Datasheet(PDF) 56 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 56 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 52Page - STMicroelectronics VX6953CB Datasheet HTML 53Page - STMicroelectronics VX6953CB Datasheet HTML 54Page - STMicroelectronics VX6953CB Datasheet HTML 55Page - STMicroelectronics VX6953CB Datasheet HTML 56Page - STMicroelectronics VX6953CB Datasheet HTML 57Page - STMicroelectronics VX6953CB Datasheet HTML 58Page - STMicroelectronics VX6953CB Datasheet HTML 59Page - STMicroelectronics VX6953CB Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
Video timing
VX6953CB
56/107
8209023 Rev 5
Binning repair
Binning can introduce some phases errors from the image perspective as it clusters the
output of each color channel. Gr,R,B and Gb binned pixels are located around the same
intersection point on the output lattice.
To reduce this error, a binning IP is integrated into the imaging data path. The IP moves
each binned color channel by 1/8 of an inter-pixel distance. Therefore the top-left Gr pixel
moves into the top-left corner, the R pixel in the top-right moves in the top-right direction.
This is shown in Figure 20.
Figure 20. Binning repair
6.2
Video timing
This section specifies the timing for the image data that is readout from the pixel array and
the output image data. These are not necessarily the same size.
The application of all of the video timing read/write parameters must be retimed to the start
of the frame boundary to ensure that the parameters are consistent within a frame.
The video stream which is output from the VX6953CB contains both video data and other
auxiliary information. The VX6953CB output coding conforms to the CCP RAW8 and
RAW10 data format (see SMIA 1.0 Part 2:CCP2 Specification) including line checksums.
Reference SMIA 1.0 Specification section 5 for a detailed description of video timing.
6.2.1
PLL block
The VX6953CB contains a phase locked loop (PLL) block, which generates all the
necessary internal clocks from the external clock input. Changes to the PLL settings on the
VX6953CB will only be consumed on the software standby to streaming mode transition.
Figure 21 shows the internal functional blocks, which define the relationship between the
external input clock frequency and the pixel clock frequency.
The majority of the logic within the device is clocked by vt_sys_clk however the CCI block is
clocked by the external input clock.
Image after binning
“Displacement” vectors of
the pixels
Image after phase shifts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com