Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VX6953CB Datasheet(PDF) 1 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 1 Page - STMicroelectronics

  VX6953CB Datasheet HTML 1Page - STMicroelectronics VX6953CB Datasheet HTML 2Page - STMicroelectronics VX6953CB Datasheet HTML 3Page - STMicroelectronics VX6953CB Datasheet HTML 4Page - STMicroelectronics VX6953CB Datasheet HTML 5Page - STMicroelectronics VX6953CB Datasheet HTML 6Page - STMicroelectronics VX6953CB Datasheet HTML 7Page - STMicroelectronics VX6953CB Datasheet HTML 8Page - STMicroelectronics VX6953CB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
This is information on a product in full production.
March 2013
8209023 Rev 5
1/107
1
VX6953CB
5.1 megapixel EDOF camera module
Datasheet
- production data
Features
• Extended depth of field (EDoF) technology
• Data formats: RAW8, RAW10 and 10-8
compressed
• SMIA profile 2 compliant
• MIPI CSI-2 (D-PHY v1.0 compliant) and SMIA
CCP2 video data interface
• Maximum data rate: 640 Mbps for CCP2 and
800 Mbps for CSI-2
• 100 KHz to 400 KHz CCI command interface
• EMC shielding
• Ultra low power standby mode, 30 μW (typ.)
• Binning modes (2 x 2)
• HD video formats (1080p30, 720p30)
• Pixel defect correction
• Nine terms lens shading corrections, bi-cubic
correction data available
• 512-byte NVM memory for calibration
Description
The VX6953CB camera module is designed for
use across a range of mobile phone handsets and
accessories. It embeds high quality still camera
functions and also supports HD video.
The VX6953CB produces raw Bayer 5 Mpixel
images at 15 fps in RAW10. It supports the CCI
control as well as CCP 2.0 and CSI-2 data
interfaces.
The module design is optimized for both footprint
and height. It provides excellent image quality at
focus distances from 15 cm in “Super macro
mode” (bar code) and from 40 cm to infinity in
“Normal mode”.
A separate hardware accelerator device (for
example, an STV0987) can be integrated in the
phone system to run the associated image
processing algorithms in hardware where the
baseband cannot support this processing load.
The sensor is designed to work with any other
host with a MIPI or SMIA interface.
www.st.com


Similar Part No. - VX6953CB

ManufacturerPart #DatasheetDescription
logo
Kontron
VX6940 KONTRON-VX6940 Datasheet
876Kb / 4P
OpenVPX 10/40/100 Gigabit Ethernet Switch
VX6940-RC-00A00 KONTRON-VX6940-RC-00A00 Datasheet
876Kb / 4P
OpenVPX 10/40/100 Gigabit Ethernet Switch
VX6940-SA-00A00 KONTRON-VX6940-SA-00A00 Datasheet
876Kb / 4P
OpenVPX 10/40/100 Gigabit Ethernet Switch
More results

Similar Description - VX6953CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6750 STMICROELECTRONICS-VS6750 Datasheet
48Kb / 3P
2 Megapixel SMIA Camera Module
21-Sep-2005
VS6650 STMICROELECTRONICS-VS6650 Datasheet
54Kb / 3P
1.0 Megapixel SMIA Camera Module
Oct-2004
VS6590 STMICROELECTRONICS-VS6590 Datasheet
58Kb / 3P
0.5 Megapixel Camera Module
Oct-2004
VS6624 STMICROELECTRONICS-VS6624 Datasheet
1,017Kb / 100P
1.3 Megapixel Mobile Camera Module
01-Feb-2006
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
QXGA EDOF camera module
22-May-2008
VS6663 STMICROELECTRONICS-VS6663 Datasheet
1Mb / 64P
1.3 megapixel camera module
03-Jul-2015
VS6663CB STMICROELECTRONICS-VS6663CB Datasheet
950Kb / 64P
1.3 megapixel camera module
01-Jul-2015
VS6663CC STMICROELECTRONICS-VS6663CC Datasheet
1Mb / 63P
1.3 megapixel camera module
19-Oct-2015
VS6663CD STMICROELECTRONICS-VS6663CD Datasheet
1Mb / 64P
1.3 megapixel camera module
09-Sep-2015
VX6854LC STMICROELECTRONICS-VX6854LC Datasheet
2Mb / 114P
QXGA EDOF camera module
09-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com