Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VX6953CB Datasheet(PDF) 101 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 101 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 97Page - STMicroelectronics VX6953CB Datasheet HTML 98Page - STMicroelectronics VX6953CB Datasheet HTML 99Page - STMicroelectronics VX6953CB Datasheet HTML 100Page - STMicroelectronics VX6953CB Datasheet HTML 101Page - STMicroelectronics VX6953CB Datasheet HTML 102Page - STMicroelectronics VX6953CB Datasheet HTML 103Page - STMicroelectronics VX6953CB Datasheet HTML 104Page - STMicroelectronics VX6953CB Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 107 page
background image
8209023 Rev 5
101/107
VX6953CB
Mechanical
14
Mechanical
14.1
Packaging and delivery
This module has been specifically designed to ensure that the lens barrel is sub-flush to the
top surface of the lens mount. ST recommends that zero pressure is applied to the top
surface of the lens barrel during the assembly processes or by attaching baffles/spacers. If
any pressure is applied to the lens barrel surface, this could lead to a significant degradation
in image sharpness. ST’s recommended SMoP package handling guidelines are available
on request.
The camera module should not be subjected to any hot manufacturing process as this may
lead to degradation of the image performance. Any hot manufacturing process performed
on the device must be agreed with ST, without prior agreement ST will not accept liability to
any degradation in module performance.
Figure 50. Marking diagram
Table 61. Substrate marking codification
Line
Description
Line one (953C)
953 is the product code
C is the die revision
Line two (PLLL)
P is the assembly plant
LLL is the B/E sequence
Line three(YWWA)
Y is the year
WW is the week number
A is the module revision
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com