Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT699E-CPC Datasheet(PDF) 41 Page - Aeroflex Circuit Technology

Part # UT699E-CPC
Description  UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699E-CPC Datasheet(HTML) 41 Page - Aeroflex Circuit Technology

Back Button UT699E-CPC Datasheet HTML 33Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 34Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 35Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 36Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 37Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 38Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 39Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 40Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 41Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
41
Aeroflex Microelectronics Solutions - HiRel
36-00-00-001
Ver. 1.5.0
DATA SHEET REVISION HISTORY
Revision
Date
Description of Change
11/13
1.0.0
Release of Preliminary Data Sheet
2/14/14
1.1.0
Replaced package drawings
3/12/14
1.2.0
Replaced BGA package drawing
6/16/14
1.2.1
Reordered SMD Case Outlines
9/10/2014
1.3.0
Release of Production Datasheet
Page 1: Corrected SEL Immune
Page 2: Corrected Block Diagram, Cache information
Page 16: Corrected note 3 temperature
Page 17: Moved Operational Environment table from section 5 (deleted) to 3.3 and updated
Page 18: Finalized IDDCS, IDDS limits
Page 20: Added IIN and IIN limits (to bound the range for pull up/down resistors)
Page 21: Corrected tDSD limits
Page 22: Corrected IIN and IOZ limits
Page 31: Corrected symbols t14, t15, t16, and the corresponding timing diagrams]
11/21/14
1.4.0
Page 15: Added GPIO[2] entry to Bootstrap signals table.
Page 25: Re-wrote section 4.1.4
Page 39:Corrected SMD lead finish designator.
Page All: Added Footer
March 2015
Ver. 1.5.0
Page 16: Removed note 3 and changed the maximum junction temperature value from 125°C to 150°C in the
Absolute Maximum Ratings Table.
Page 24: Rewrote section 4.1.1 on power sequencing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com