Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT699E-CPC Datasheet(PDF) 24 Page - Aeroflex Circuit Technology

Part # UT699E-CPC
Description  UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699E-CPC Datasheet(HTML) 24 Page - Aeroflex Circuit Technology

Back Button UT699E-CPC Datasheet HTML 20Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 21Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 22Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 23Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 24Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 25Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 26Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 27Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 28Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
24
Aeroflex Microelectronics Solutions - HiRel
36-00-00-001
Ver. 1.5.0
Figure 4. Power Sequencing and Reset Timing Diagram
4.1.1. Power Sequencing
For optimal power sequencing, both power-up and power-down, ramp both VDD and VDDC together. During power-up, if VDDC >
VDD + 0.3V, excessive current or damage may occur to the device. During power down, it is acceptable for VDD to be less than
VDDC by more than 0.3V as long as VDDC is not actively driven.
4.1.2 Bus Control and Bi-Direct Fail-Safe Circuitry
In order to prevent bus contention on the external memory interface while VDDC is ramping up, the UT699E has functionality to
ensure that the bi-direct and memory bus control signals described in Section 4.1 will be in a high-z state tVHBZ delay after VDD
reaches 1.5V. The core logic will put these signals into their valid-inactive states tCHBV clock cycles after VDDC reaches 1.1V.
Aeroflex recommends that users place pull-up resistors on the indicated output enable, write enable, and chip select pins, and a pull-
down resistor on the READ pin, if tVCD is greater than 100ns. This will prevent bus capacitance or transients from inadvertently
placing these pins in an active state, which could result in external memory devices driving the address and data buses.
4.1.3 Reset Circuitry
The reset circuitry is controlled by the core logic; therefore, the circuitry is functional only after VDDC reaches its minimum operat-
ing voltage of 1.1V. After VDDC is stable, the system must continue to assert RESET for a minimum of tRESET1 clock cycles before
it can be de-asserted. Asserting RESET for less time could result in the RESET signal not being recognized.
The UT699E will begin fetching code from external memory no more than tRESET2 clock cycles after RESET is de-asserted. Con-
trol signals ROMS[0] and OE will be driven to their valid-active states in order for the UT699E to begin fetching code from PROM.
During normal operation, the indicated bus control signals will go to a valid-inactive state, and the bi-directs will go to a high-z
state, within tRESET3 clock cycles after the assertion of RESET.
VALID-INACTIVE
VALID-ACTIVE
VALID-INACTIVE
VALID-ACTIVE
tRESET3
tVHBZ
tRESET3
tRESET2
tCHBV
tVHBZ
tRESET1
tVCD
SYSCLK
VDD 3.3V
VDDC 1.2V
RESET
Memory Bus
Tri-State Outputs
0V
0V
Control Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com