Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6128AB Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6128AB
Description  Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6128AB Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6128AB Datasheet HTML 2Page - Sipex Corporation SP6128AB Datasheet HTML 3Page - Sipex Corporation SP6128AB Datasheet HTML 4Page - Sipex Corporation SP6128AB Datasheet HTML 5Page - Sipex Corporation SP6128AB Datasheet HTML 6Page - Sipex Corporation SP6128AB Datasheet HTML 7Page - Sipex Corporation SP6128AB Datasheet HTML 8Page - Sipex Corporation SP6128AB Datasheet HTML 9Page - Sipex Corporation SP6128AB Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Item
Quantity
Reference
Part
Manufacture information
1
2 C1,C2
22u
TDK C3225X5R1A226M
2
3 C3,C8,C13
1u
TDK C2012X7R1C105K
3
3 C4,C5,C6
47u
TDK C3225X5R0J476M
4
1 C9
470p
TDK C1608C0G1H471J
5
1 C10
22p
TDK C1608C0G1H220J
6
2 C11,C12
0.1u
TDK C1608X7R1H104K
7
1 C14
6.8n
TDK C1608X7R1H682K
8
1 D1
MBR0530
ON semiconductor
10
1 D4
STPS2L25U
ST
11
9 J1,J2,J3,J4,J5,J6,J7
,J8,J9
PIN
12
1 L1
SC5018-1R2M
Easy Magnetic
13
2 Q1,Q2
IRF7811W
IRF
14
1 R1
300
0603
15
1 R2
10.2k
0603
16
1 R3
8k
0603
17
1 R5
20k
0603
18
1 R6
4.22k
0603
19
1 R13
0
0603
20
1 R14
45k
0603
21
1 U1
SP6128A
SIPEX
22
1 R11
100
0603
23
4 R7,R8,R10,R12
10K
0603
24
2 Q3,Q4
MMBT4401
ON semiconductor
25
1 Q5
MMBT2907
ON semiconductor
22
1 R9
NTC-100K
TDK NTCG204CH104J
∗ For the low profile application, SC5015-1R2M from Easy magnetic recommended for L1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com