Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6128AB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6128AB
Description  Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6128AB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6128AB Datasheet HTML 1Page - Sipex Corporation SP6128AB Datasheet HTML 2Page - Sipex Corporation SP6128AB Datasheet HTML 3Page - Sipex Corporation SP6128AB Datasheet HTML 4Page - Sipex Corporation SP6128AB Datasheet HTML 5Page - Sipex Corporation SP6128AB Datasheet HTML 6Page - Sipex Corporation SP6128AB Datasheet HTML 7Page - Sipex Corporation SP6128AB Datasheet HTML 8Page - Sipex Corporation SP6128AB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
- 1 -
demo board for SP6128A, a synchronous buck controller
Non-Isolated DC-DC SIP Modules:
3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
FEATURES:
DESCRIPTION:
The SP6128A demo board design is non-isolated dc-dc SIP module with a very high efficiency at
10A output. It has smallest size comparing with the current market products with the same power
range and low EMI. Standard features include remote ON/OFF with the customer selectable
positive and negative control, output voltage adjustment, soft start, over current and over
temperature protection. This demo board proves that SP6128A is a high performance, but yet
easy to use synchronous buck controller. It simplifies low voltage DC to DC power supply
designs without compromising performance.
High Efficiency: 94.5% at 3.3V output,10A
Small size and very low profile
43.2mm
×7.25mm×13.97mm
(1.7in
×0.285in×0.55in)
•
3V to 5.5V input voltage
All ceramic capacitors design
Negative or Positive remote On/Off
Thermal shut down protection
Low output ripple max 20mV
Output voltage adjustable with the trim function
Low EMI noise
Short circuit and over current protection
using Hiccup mode and auto-restart
Build in UVLO function
Wide operation temperature range
-40
C
° to +85 C
°
± 0.1% line regulation & ± 0.3% load
regulation
-40
C
° to +85 C
°


Similar Part No. - SP6128AB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Sipex Corporation
SP6128ACY SIPEX-SP6128ACY Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6128ACY EXAR-SP6128ACY Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
More results

Similar Description - SP6128AB

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
LSN10A-D12 MURATA-LSN10A-D12 Datasheet
377Kb / 12P
Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DCs in SIP Packages
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
Non-Isolated 10A SIP DC/DC Converters
logo
SynQor Worldwide Headqu...
NQ03009VMA15NRS SYNQOR-NQ03009VMA15NRS Datasheet
1Mb / 17P
15A Non-Isolated DC/DC Converter in SIP configuration
logo
Lineage Power Corporati...
NSR010A0X LINEAGEPOWER-NSR010A0X_10 Datasheet
484Kb / 20P
Naos Raptor 10A: Non-Isolated DC-DC Power Modules
logo
Delta Electronics, Inc.
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNM24S0B0R10NFB DELTA-DNM24S0B0R10NFB Datasheet
412Kb / 13P
Non-Isolated Point of Load DC/DC Power Modules: 20-30Vin, 5-15V/10A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com