Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6128AB Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6128AB
Description  Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6128AB Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6128AB Datasheet HTML 2Page - Sipex Corporation SP6128AB Datasheet HTML 3Page - Sipex Corporation SP6128AB Datasheet HTML 4Page - Sipex Corporation SP6128AB Datasheet HTML 5Page - Sipex Corporation SP6128AB Datasheet HTML 6Page - Sipex Corporation SP6128AB Datasheet HTML 7Page - Sipex Corporation SP6128AB Datasheet HTML 8Page - Sipex Corporation SP6128AB Datasheet HTML 9Page - Sipex Corporation SP6128AB Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units
Operating input voltage
Vin
2.9
6
Vdc
Input voltage ripple
Vinripple
250
300
mVp-p
Output voltage set point
accurate
± 1.5
%
Output regulation
Line regulation
Load regulation
± 0.1
± 0.3
%
%
Output ripple&noise
15
25
mVp-p
Output current
Io
10
A
Output current limit point
16
A
Over temperature protection
110
120
C
°
Negative remote control:
Logic low-module on
Logic high-module off
Vrem
Irem
Vrem
Irem
-0.7
0.3
100
2.4
0.5
V
µ A
V
mA
Positive remote control:
Logic high-module on
Logic low-module off
Vrem
Irem
Vrem
Irem
2.4
-0.7
1
0.8
1
V
mA
V
µ A
Turn-on time
5
ms
Short circuit input
current(RMS)
0.5
A
Output voltage trim range
-10
+10
% Vout ,nom
FEATURE DISCRIPTION
Output voltage trim function:
In this design,there is a trim pin that allows the customer to trim the output voltage to
± 10% off the
nominal voltage.
In the schematic on page 2, R3, R14, R2 and external trim resistor (Rtrim) comprise the trim function
circuit. To trim-up, connect Rtrim between trim pin and GND. The Rtrim value is equal to:
Rtrim=
14
2
8
.
0
R
V
R −
×
To trim-down, connect Rtrim between trim pin and Vout. The Rtrim value can be derived from:
Rtrim=
14
2
3
2
2
8
.
0
R
R
V
R
R
×
×
Remote On/OFF:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com