Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6649 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6649
Description  Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6649 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6649 Datasheet HTML 1Page - Sipex Corporation SP6649 Datasheet HTML 2Page - Sipex Corporation SP6649 Datasheet HTML 3Page - Sipex Corporation SP6649 Datasheet HTML 4Page - Sipex Corporation SP6649 Datasheet HTML 5Page - Sipex Corporation SP6649 Datasheet HTML 6Page - Sipex Corporation SP6649 Datasheet HTML 7Page - Sipex Corporation SP6649 Datasheet HTML 8Page - Sipex Corporation SP6649 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Rev:001 Date:11/20/03
SP6649 Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
© Copyright 2002 Sipex Corporation
SP6649
FEATURES
■ Ultra-low 12µA Quiescent Current
■ 700mA Output Current at 2.6VIN, 3.3VOUT
■ 94% Efficiency Possible
■ Wide Input Voltage Range: 0.85V to 4.5V
■ 3.3V Fixed Output and adjustable 2.5V to
5.0V Output Range
■ Internal Synchronous Rectifier for High
Efficiency
■ 0.3 Charging Switch, 0.3 Synchro-
nous Rectifier
■ Anti-Ringing Inductor Switch
■ Programmable Inductor Peak Current
■ Logic Shutdown Control
■ Under Voltage Lock-Out, 0.62V
■ Programmable Low Battery Detect
■ Small 10 pin MSOP Package
Ultra-low Quiescent Current,
High Efficiency Boost DC-DC Regulator
APPLICATIONS
■ Digital Still Cameras
■ MP3 Players
■ PDA's
■ Pagers
■ Handheld Portable Devices
■ Medical Monitors
DESCRIPTION
The SP6649 is an ultra-low quiescent current, high efficiency step-up DC-DC converter ideal for
single and dual cell alkaline, or Li-Ion battery applications such as digital still cameras, PDA’s,
MP3 players, and other portable devices. The SP6649 combines the high delivery associated
with PWM control, and the low quiescent current and excellent light-load efficiency of PFM control.
The SP6649 features 12µA quiescent current, synchronous rectification, a 0.3 charging switch,
anti-ringing inductor switch, programmable low battery detect, under-voltage lockout and
programmable inductor peak current. The device can be controlled by a 1nA active LOW
shutdown pin.
®
1
2
3
4
5
10
9
8
7
6
VBATT
LBI
LBON
RLIM
SHDN
VOUT
LX
PGND
GND
FB
Top View
10 pin MSOP
Tja=113
°C/W
+
C1
47uF
L1 10uH
VBATT
C3
47pF
LBI
SHDN
R1
205K
+ C2
47uF
RLIM
1.87K
3.3Vout
R2
124K
C4
1uF
SP6649
1
2
4
5
6
7
8
3
9
10
VBATT
LBI
RLIM
SHDN
FB
GND
PGND
LBON
LX
VOUT
LBON
C1 = C2 = Kemet T49C476K010AS, L1 = Sumida CDRH5D28-100
R1 = 374K for 5VOUT
Figure 1. Typical Application Circuit
Figure 2. Maximum Load Current in Operation
TBD


Similar Part No. - SP6649

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641 SIPEX-SP6641 Datasheet
120Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
118Kb / 5P
Low Noise Evaluation Board
SP6641A SIPEX-SP6641A Datasheet
133Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
More results

Similar Description - SP6649

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1771 LINER-LTC1771 Datasheet
205Kb / 16P
Low Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
High Efficiency Boost DC/DC Regulator
LP6208 POWER-LP6208 Datasheet
122Kb / 1P
Tink Package, High Efficiency Boost DC/DC Regulator
logo
Sipex Corporation
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Linear Technology
LTM4605 LINER-LTM4605_15 Datasheet
312Kb / 26P
High Efficiency Buck-Boost DC/DC Module Regulator
logo
Texas Instruments
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
Ultra-Low Quiescent Current Synchronous Boost
logo
Shenzhen Huazhimei Semi...
HM1531 HMSEMI-HM1531 Datasheet
518Kb / 6P
HM1531 High Efficiency DC-DC Boost Regulator
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com