Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6649 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6649
Description  Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6649 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6649 Datasheet HTML 1Page - Sipex Corporation SP6649 Datasheet HTML 2Page - Sipex Corporation SP6649 Datasheet HTML 3Page - Sipex Corporation SP6649 Datasheet HTML 4Page - Sipex Corporation SP6649 Datasheet HTML 5Page - Sipex Corporation SP6649 Datasheet HTML 6Page - Sipex Corporation SP6649 Datasheet HTML 7Page - Sipex Corporation SP6649 Datasheet HTML 8Page - Sipex Corporation SP6649 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Rev:001 Date:11/20/03
SP6649 Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
© Copyright 2002 Sipex Corporation
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Input Voltage Operating Range, VBATT
0.7
4.5
V
After Startup
Under Voltage Lock-out/UVLO
0.62
V
Start-up Input Voltage, VBATT
0.85
0.9
V
RLOAD = 3k
Output Voltage, VO
3.16
3.30
3.44
V
3.3V VO preset
Quiescent Current into VO, IQO
12
22
µA
VOUT = 3.3V, VFB = 1.5V, Toggle SHDN
Quiescent Current into VBATT, IQB
20
500
nA
VOUT = 3.3V, VFB = 1.5V
Shutdown Current into VO, ISDO
1
500
nA
VSHDN = 0V
Shutdown Current into VBATT, ISDB
200
500
nA
VSHDN = 0V, VBATT = 2.6V
Efficiency, RLIM = 4.0K
85
%
VBATT = 1.3V, IOUT = 50mA
91
%
VBATT = 2.6V, IOUT = 100mA
Efficiency, RLIM = 1.87K
85
%
VBATT = 1.3V, IOUT = 100mA
92
%
VBATT = 2.6V, IOUT = 200mA
Inductor Current Limit, IPK
1.0
1.2
1.4
A
RLIM = 1.17k , I PK = 1400/RLIM
250
mA
VBATT = 1.3V, RLIM = 1.17k
Output Current
700
mA
VBATT = 2.6V, RLIM = 1.17k
150
mA
VBATT = 1.3V, RLIM = 1.87k
400
mA
VBATT = 2.6V, RLIM = 1.87k
Minimum Off-Time Constant KOFF
1.1
V*µs
tOFF K OFF / (VOUT- VBATT)
Maximum On-Time Constant KON
3.3
V*µs
tON K ON / VBATT
NMOS Switch Resistance
0.30
0.6
INMOS = 100mA
PMOS Switch Resistance
0.30
0.6
IPMOS = 100mA
FB Set Voltage, VFB
1.20
1.25
1.30
V
External feedback
FB Input Current
1
100
nA
VFB =1.3V
LBI Falling Trip Voltage
0.594
0.625
0.656
V
LBI Hysteresis
25
mV
Low Output Voltage for LBON, VOL
0.4
V
VBATT = 1.3V, Isink = 1mA
Leakage current for LBON
500
nA
VBATT = 1.3V, VLBON = 3.3V
SHDN Input Voltage
VIL
0.25
VBATT = 1.3V
VIH
1.0
V
VBATT = 1.3V
VIL
0.5
VBATT = 2.6V
VIH
2.0
VBATT = 2.6V
SHDN Input Current
1
100
nA
SPECIFICATIONS
VBATT=VSHDN = 1.3V, VFB=0V, ILOAD = 0mA, TAMB= -40°C to +85°C, VOUT = +3.3V, typical values at 27°C unless otherwise
noted.
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may
affect reliability.
LX, Vo, V
BATT , LBON, FB to GND pin ................................. -0.3 to 6.0V
SHDN, LBI ............................................................ -0.3V to V
BATT +0.5V
Vo, GND, LX Current .................................................................... 1.3A
Reverse V
BATT Current ............................................................... 220mA
Forward V
BATT Current ............................................................... 500mA
Storage Temperature .................................................. -65 °C to 150°C
Operating Temperature ................................................ -40°C to +85°C
Lead Temperature (Soldering, 10 sec) ....................................... 300 °C
ESD Rating ........................................................................... 2kV HBM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com