Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6649 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6649
Description  Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6649 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6649 Datasheet HTML 1Page - Sipex Corporation SP6649 Datasheet HTML 2Page - Sipex Corporation SP6649 Datasheet HTML 3Page - Sipex Corporation SP6649 Datasheet HTML 4Page - Sipex Corporation SP6649 Datasheet HTML 5Page - Sipex Corporation SP6649 Datasheet HTML 6Page - Sipex Corporation SP6649 Datasheet HTML 7Page - Sipex Corporation SP6649 Datasheet HTML 8Page - Sipex Corporation SP6649 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Rev:001 Date:11/20/03
SP6649 Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
© Copyright 2002 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1VBATT
Battery Voltage pin. The startup circuitry runs off of this pin. The
operate circuit also uses this voltage to regulate the off-time
[tOFF = KOFF/ (VOUT - VBATT)]. When the battery voltage drops below
0.62V after a successful startup the SP6649 goes into an undervoltage
lockout mode (UVLO).
2
LBI
Low Battery Input pin. LBI below 0.61V causes the LBON pin to pull
down to ground. Use a resistor divider to program the low voltage
threshold for each battery configuration.
3
LBON
Low Battery Output Not pin. Open drain NMOS output that sinks
current to ground when LBI is below 0.625V.
4RLIM
Resistor Programmable Inductor Peak Current. By connecting a
resistor RLIM from this pin to ground the inductor peak current is set by
IPEAK=1400/RLIM. The range for RLIM is 4.0K (for 350mA) to 1.17K
(for 1.2A).
5
SHDN
Shutdown Not. Tie this pin to VBATT for normal operation. Tie this pin
to ground to disable all circuitry inside the chip. In shutdown the
output voltage will float down to a diode drop below the battery
potential.
6FB
External Feedback pin. Connect this pin to GND for fixed +3.3V
operation. Connect this pin to a resistor voltage divider between VOUT
and GND for adjustable output operation.
7
GND
Ground pin for the internal regulator bias currents.
8PGND
Switch ground pin. The inductor charging current flows out of this pin.
9LX
Inductor switching node. Connect one terminal of the inductor to the
positive terminal of the battery. Connect the second terminal of the
inductor to this pin. The inductor charging current flows into LX,
through the internal charging N-channel FET, and out the GND pin.
10
VOUT
Output Voltage pin. The inductor current flows out of this pin during
the off-time. It is also the internal regulator voltage supply, and
minimum off-time one shot input. Kelvin connect this pin to the
positive terminal of the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com