Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM5G06FE Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM5G06FE
Description  Silicon P-Channel MOS Type / Silicon Epitaxial Schottky Barrier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5G06FE Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM5G06FE Datasheet HTML 1Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 2Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 3Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 4Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 5Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 6Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 7Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SSM5G06FE
2014-03-01
4
SBD
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VF (1)
IF = 1 mA
⎯
0.18
⎯
V
VF (2)
IF = 5 mA
⎯
0.23
0.30
V
Forward voltage
VF (3)
IF = 100 mA
⎯
0.35
0.50
V
Reverse current
IR
VR = 12 V
⎯
⎯
22
μA
Total capacitance
CT
VR = 0 V, f = 1 MHz
⎯
20
40
pF
Precaution
The Schottky barrier diode in this device has large reverse current leakage compared to typical switching diodes. Thus,
excessive operating temperature or voltage may cause thermal runaway. To avoid this problem, be sure to take both
forward and reverse loss into consideration.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com