Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM5G06FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM5G06FE
Description  Silicon P-Channel MOS Type / Silicon Epitaxial Schottky Barrier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5G06FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM5G06FE Datasheet HTML 1Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 2Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 3Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 4Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 5Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 6Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 7Page - Toshiba Semiconductor SSM5G06FE Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSM5G06FE
2014-03-01
1
Silicon P-Channel MOS Type / Silicon Epitaxial Schottky Barrier Diode
SSM5G06FE
DC-DC Converter Applications
• Combined a P-channel MOSFET and a Schottky barrier diode in one
package.
• Optimum for high-density mounting in small packages
Absolute Maximum Ratings (Ta = 25°C) MOSFET
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDSS
−20
V
Gate-Source voltage
VGSS
±10
V
DC
ID
−100
Drain current
Pulse
IDP (Note 2)
−200
mA
Power dissipation
PD (Note 1)
150
mW
Channel temperature
Tch
150
°C
Absolute Maximum Ratings (Ta = 25°C) SBD
Characteristics
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
15
V
Reverse voltage
VR
12
V
Average forward current
IO
100
mA
Peak one cycle surge forward current
(10ms)
IFSM
1 (50 Hz)
A
Junction temperature
Tj
125
°C
Absolute Maximum Ratings (Ta = 25°C) MOSFET, SBD COMMON
Characteristics
Symbol
Rating
Unit
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr (Note3)
−40 to 100
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note1: Total rating. Mounted on an FR4 board. (25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 0.135 mm2 × 5)
Unit: mm
ESV
JEDEC
⎯
JEITA
⎯
TOSHIBA
2-2P1C
Weight: 3 mg (Typ.)
1.2±0.05
1.6±0.05
1
2
3
5
4
1:Gate
2:Source
3:Anode
4:Cathode
5:Drain
0.3 mm
Start of commercial production
2002-08


Similar Part No. - SSM5G06FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G01TU TOSHIBA-SSM5G01TU Datasheet
201Kb / 9P
DC-DC Converter for DSCs and Camcorders
SSM5G01TU TOSHIBA-SSM5G01TU Datasheet
198Kb / 9P
DC-DC Converter for DSCs and Camcorders
SSM5G01TU TOSHIBA-SSM5G01TU Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
SSM5G01TU TOSHIBA-SSM5G01TU_07 Datasheet
198Kb / 9P
DC-DC Converter for DSCs and Camcorders
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
More results

Similar Description - SSM5G06FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5H14F TOSHIBA-SSM5H14F Datasheet
319Kb / 7P
Silicon N Channel MOS Type (U-MOS??/Silicon Epitaxial Schottky Barrier Diode
SSM5G02TU TOSHIBA-SSM5G02TU_14 Datasheet
226Kb / 10P
Silicon P Channel MOS Type (U-MOSII)/Silicon Epitaxial Schottky Barrier Diode
SSM5G09TU TOSHIBA-SSM5G09TU_14 Datasheet
313Kb / 10P
Silicon P Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
SSM5G11TU TOSHIBA-SSM5G11TU_14 Datasheet
208Kb / 8P
Silicon P Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
SSM5H01TU TOSHIBA-SSM5H01TU_14 Datasheet
213Kb / 10P
Silicon N Channel MOS Type (U-MOSII)/Silicon Epitaxial Schottky Barrier Diode
SSM5H06FE TOSHIBA-SSM5H06FE_14 Datasheet
230Kb / 8P
Silicon N Channel MOS Type / Silicon Epitaxial Schottky Barrier Diode
SSM5H08TU TOSHIBA-SSM5H08TU_14 Datasheet
314Kb / 10P
Silicon N Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
SSM5H16TU TOSHIBA-SSM5H16TU Datasheet
200Kb / 7P
Silicon N Channel MOS Type (U-MOS3)/Silicon Epitaxial Schottky Barrier Diode
SSM6G18NU TOSHIBA-SSM6G18NU Datasheet
254Kb / 8P
Silicon P Channel MOS Type / Silicon Epitaxial Schottky Barrier Diode
TPCP8BA1 TOSHIBA-TPCP8BA1 Datasheet
215Kb / 4P
Silicon P Channel MOS Type (U-MOS-II) / Silicon Epitaxial Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com