Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF142LB Datasheet(PDF) 29 Page - SPANSION

Part # MB9AF142LB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF142LB Datasheet(HTML) 29 Page - SPANSION

Back Button MB9AF142LB Datasheet HTML 25Page - SPANSION MB9AF142LB Datasheet HTML 26Page - SPANSION MB9AF142LB Datasheet HTML 27Page - SPANSION MB9AF142LB Datasheet HTML 28Page - SPANSION MB9AF142LB Datasheet HTML 29Page - SPANSION MB9AF142LB Datasheet HTML 30Page - SPANSION MB9AF142LB Datasheet HTML 31Page - SPANSION MB9AF142LB Datasheet HTML 32Page - SPANSION MB9AF142LB Datasheet HTML 33Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
D a t a S h e e t
26
MB9A140NB_DS706-00040-4v0-E, June 10, 2015
CONFIDENTIAL
 List of pin functions
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.
Pin
Function
Pin Name
Function Description
Pin No
LQFP-
100
QFP-
100
BGA-
112
LQFP-
80
BGA-
96
LQFP/
QFN-
64
ADC
ADTG_0
A/D converter external trigger
input pin
84
62
A7
66
A8
-
ADTG_1
7
85
D3
7
D3
-
ADTG_2
18
96
F4
13
G3
9
ADTG_3
94
72
C5
74
C5
58
ADTG_4
-
-
-
-
-
-
ADTG_5
70
48
D11
-
-
-
ADTG_6
12
90
E4
12
G2
8
ADTG_7
30
8
J5
-
-
-
ADTG_8
-
-
-
-
-
-
AN00
A/D converter analog input pin.
ANxx describes ADC ch.xx.
52
30
J11
42
J11
34
AN01
53
31
J10
43
J10
35
AN02
54
32
J8
44
J8
36
AN03
55
33
H10
45
H10
37
AN04
56
34
H9
46
H9
38
AN05
57
35
H7
47
G10
39
AN06
58
36
G10
48
G9
-
AN07
59
37
G9
49
F10
40
AN08
63
41
G8
53
F9
44
AN09
64
42
F10
54
E11
45
AN10
65
43
F9
55
E10
-
AN11
66
44
E11
56
E9
-
AN12
67
45
E10
-
-
-
AN13
68
46
F8
-
-
-
AN14
69
47
E9
-
-
-
AN15
70
48
D11
-
-
-
AN16
71
49
D10
57
D10
46
AN17
72
50
E8
58
D9
47
AN18
73
51
C11
59
C11
48
AN19
74
52
C10
60
C10
-
AN20
82
60
C8
-
-
-
AN21
83
61
D9
-
-
-
AN22
84
62
A7
66
A8
-
AN23
85
63
B7
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More