Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF142LB Datasheet(PDF) 18 Page - SPANSION

Part # MB9AF142LB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF142LB Datasheet(HTML) 18 Page - SPANSION

Back Button MB9AF142LB Datasheet HTML 14Page - SPANSION MB9AF142LB Datasheet HTML 15Page - SPANSION MB9AF142LB Datasheet HTML 16Page - SPANSION MB9AF142LB Datasheet HTML 17Page - SPANSION MB9AF142LB Datasheet HTML 18Page - SPANSION MB9AF142LB Datasheet HTML 19Page - SPANSION MB9AF142LB Datasheet HTML 20Page - SPANSION MB9AF142LB Datasheet HTML 21Page - SPANSION MB9AF142LB Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 121 page
background image
D a t a S h e e t
June 10, 2015, MB9A140NB_DS706-00040-4v0-E
15
CONFIDENTIAL
 List of Pin Functions
 List of Pin Numbers
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.
Pin No
Pin Name
I/O
Circuit
Type
Pin State
Type
LQFP-100 QFP-100 BGA-112 LQFP-80 BGA-96
LQFP-64
QFN-64
1
79
B1
1
B1
1
VCC
-
2
80
C1
2
C1
2
P50
E
L
INT00_0
SIN3_1
-
MADATA00_1
3
81
C2
3
C2
3
P51
E
L
INT01_0
SOT3_1
(SDA3_1)
-
MADATA01_1
4
82
B3
4
B3
4
P52
E
L
INT02_0
SCK3_1
(SCL3_1)
-
MADATA02_1
5
83
D1
5
D1
-
P53
E
L
SIN6_0
TIOA1_2
INT07_2
MADATA03_1
6
84
D2
6
D2
-
P54
E
K
SOT6_0
(SDA6_0)
TIOB1_2
MADATA04_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More