Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF142LB Datasheet(PDF) 31 Page - SPANSION

Part # MB9AF142LB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF142LB Datasheet(HTML) 31 Page - SPANSION

Back Button MB9AF142LB Datasheet HTML 27Page - SPANSION MB9AF142LB Datasheet HTML 28Page - SPANSION MB9AF142LB Datasheet HTML 29Page - SPANSION MB9AF142LB Datasheet HTML 30Page - SPANSION MB9AF142LB Datasheet HTML 31Page - SPANSION MB9AF142LB Datasheet HTML 32Page - SPANSION MB9AF142LB Datasheet HTML 33Page - SPANSION MB9AF142LB Datasheet HTML 34Page - SPANSION MB9AF142LB Datasheet HTML 35Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 121 page
background image
D a t a S h e e t
28
MB9A140NB_DS706-00040-4v0-E, June 10, 2015
CONFIDENTIAL
Pin
Function
Pin Name
Function Description
Pin No
LQFP-
100
QFP-
100
BGA-
112
LQFP-
80
BGA-
96
LQFP/
QFN-
64
Debugger
SWCLK
Serial wire debug interface
clock input pin
78
56
B9
62
B9
50
SWDIO
Serial wire debug interface
data input / output pin
80
58
A8
64
A9
52
SWO
Serial wire viewer output pin
81
59
B8
65
B8
53
TCK
J-TAG test clock input pin
78
56
B9
62
B9
50
TDI
J-TAG test data input pin
79
57
B11
63
B11
51
TDO
J-TAG debug data output pin
81
59
B8
65
B8
53
TMS
J-TAG test mode state
input/output pin
80
58
A8
64
A9
52
TRACECLK
Trace CLK output pin of ETM
86
64
C7
-
-
-
TRACED0
Trace data output pins of ETM
82
60
C8
-
-
-
TRACED1
83
61
D9
-
-
-
TRACED2
84
62
A7
-
-
-
TRACED3
85
63
B7
-
-
-
TRSTX
J-TAG test reset input pin
77
55
A9
61
A10
49
External
Bus
MAD00_1
External bus interface address
bus
31
9
H5
21
L5
-
MAD01_1
32
10
L6
22
K5
-
MAD02_1
39
17
K6
29
J5
-
MAD03_1
40
18
J6
30
K6
-
MAD04_1
41
19
L7
31
J6
-
MAD05_1
42
20
K7
32
L7
-
MAD06_1
43
21
H6
33
K7
-
MAD07_1
44
22
J7
34
J7
-
MAD08_1
45
23
K8
35
K8
-
MAD09_1
53
31
J10
43
J10
-
MAD10_1
54
32
J8
44
J8
-
MAD11_1
55
33
H10
45
H10
-
MAD12_1
56
34
H9
46
H9
-
MAD13_1
57
35
H7
47
G10
-
MAD14_1
58
36
G10
48
G9
-
MAD15_1
59
37
G9
49
F10
-
MAD16_1
63
41
G8
53
F9
-
MAD17_1
64
42
F10
54
E11
-
MAD18_1
65
43
F9
55
E10
-
MAD19_1
66
44
E11
56
E9
-
MAD20_1
67
45
E10
-
-
-
MAD21_1
68
46
F8
-
-
-
MAD22_1
69
47
E9
-
-
-
MAD23_1
70
48
D11
-
-
-
MAD24_1
74
52
C10
60
C10
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com