Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC16071CIWM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16071CIWM
Description  16-Bit Delta-Sigma 192 ks/s Analog-to-Digital Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16071CIWM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC16071CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Digital Filter Characteristics
The following specifications apply for VAa e VDa e VMa e 5V unless otherwise specified Boldface limits apply for
TA e TJ e Tmin to Tmax all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
Stopband Rejection
b
900
dB
Passband Ripple
g
0005
dB
3 dB Cutoff Frequency
045
fs
Data Latency
3968
Clock Cycles
Reference Characteristics (ADC16471 Only)
The following specifications apply for VAa e VDa e VMa e 5V unless otherwise specified Boldface limits apply for TA
e
TJ e Tmin to Tmax all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
VREFa
Positive Internal Reference
VMID a 125
VMID a 1175
V (min)
Output Voltage
VMID a 1325
V (max)
VREFb
Negative Internal Reference
VMID b 125
VMID b 1325
V (min)
Output Voltage
VMID b 1175
V (max)
D
(VREFa –
Internal Reference
30
ppm C
VREFb) DT
Temperature Coefficient
D
VREFa DI
Positive Internal Reference
Sourcing (0 mA s I s a10 mA)
34
60
Load Regulation
Sinking (b1mA s I s 0 mA)
mV (max)
D
VREFb DI
Negative Internal Reference
Sinking (b1mA s I s 0 mA)
32
60
Load Regulation
Sourcing (0 mA s I s 10 mA)
Input Reference Characteristics (ADC16071 Only)
The following specifications apply for VAa e VDa e VMa e 5V
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
VREFa
Positive Reference Voltage
1
V
VAa
V
VREFb
Negative Reference Voltage
0
V
VAab 1V
VREFa –VREFb
Total Reference Voltage
1
V
VAa
V
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com