Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC16071CIWM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC16071CIWM
Description  16-Bit Delta-Sigma 192 ks/s Analog-to-Digital Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16071CIWM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC16071CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC16071CIWM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Typical Performance Characteristics
S(N a D) vs VIN Amplitude
Data Rate (fs)
S(N a D) vs Output
S(N a D) vs Temperature
fIN e 20 kHz
fs e 192 kHz
Spectral Response
fIN e 80 kHz
fs e 192 kHz
Spectral Response
fIN e 5 kHz
fs e 48 kHz
Spectral Response
(IA a IM) vs Temperature
Analog Supply Current
ID vs Temperature
Digital Supply Current
Data Rate (fs)
(IA a IM) vs Output
Analog Supply Current
Rate (fs)
(ID) vs Output Data
Digital Supply Current
Digital Filter
Frequency Response of
TLH11454 – 24
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com