Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV3225ACPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADV3225ACPZ
Description  750 MHz, 16 x 8 Analog Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3225ACPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV3225ACPZ Datasheet HTML 3Page - Analog Devices ADV3225ACPZ Datasheet HTML 4Page - Analog Devices ADV3225ACPZ Datasheet HTML 5Page - Analog Devices ADV3225ACPZ Datasheet HTML 6Page - Analog Devices ADV3225ACPZ Datasheet HTML 7Page - Analog Devices ADV3225ACPZ Datasheet HTML 8Page - Analog Devices ADV3225ACPZ Datasheet HTML 9Page - Analog Devices ADV3225ACPZ Datasheet HTML 10Page - Analog Devices ADV3225ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADV3224/ADV3225
Rev. B | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Analog Supply Voltage (AVCC to AVEE)
11 V
Digital Supply Voltage (DVCC to DGND)
6 V
Supply Potential Difference
(AVCC − DVCC)
±0.5 V
Ground Potential Difference
(AGND − DGND)
±0.5 V
Maximum Potential Difference
(DVCC − AVEE)
11 V
Analog Input Voltage
AVEE < VIN < AVCC
Digital Input Voltage
DGND < DIN < DVCC
Exposed Paddle Voltage
AGND
Output Voltage (Disabled Analog
Output)
AVEE < VOUT < AVCC
Output Short-Circuit
Duration
Momentary
Current
Internally limited to
55 mA
Temperature
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
72-Lead LFCSP_VQ
29
0.5
°C/W
POWER DISSIPATION
The ADV3224/ADV3225 operate with ±5 V supplies and can
drive loads down to 100 Ω, resulting in a wide range of possible
power dissipations. For this reason, extra care must be taken
when derating the operating conditions based on ambient
temperature.
Packaged in the 72-lead LFCSP, the ADV3224/ADV3225 junction-
to-ambient thermal impedance (θJA) is 29°C/W. For long-term
reliability, the maximum allowed junction temperature of the
die should not exceed 125°C; even temporarily exceeding this
limit can cause a shift in parametric performance due to a
change in stresses exerted on the die by the package. Exceeding
a junction temperature of 150°C for an extended period can
result in device failure. In Figure 4, the curve shows the range
of allowed internal die power dissipation that meets these condi-
tions over the −40°C to +85°C ambient temperature range.
When using Figure 4, do not include the external load power
in the maximum power calculation, but do include the load
current dropped on the die output transistors.
0
1
2
3
4
5
6
7
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (°C)
TJ = 150°C
Figure 4. Maximum Die Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com